Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MPX1D0624LR22 Datasheet (PDF) - Kemet Corporation

MPX1D0624LR22 Datasheet PDF - Kemet Corporation
Part # MPX1D0624LR22
Download  MPX1D0624LR22 Download
File Size   79.51 Kbytes
Page   1 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description KEMET, MPX, Power, 220 nH, 20%

MPX1D0624LR22 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPX1D0624LR22 Datasheet PDF - Kemet Corporation

Part # MPX1D0624LR22
Download  MPX1D0624LR22 Click to download

File Size   79.51 Kbytes
Page   1 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description KEMET, MPX, Power, 220 nH, 20%

MPX1D0624LR22 Datasheet (HTML) - Kemet Corporation




Similar Part No. - MPX1D0624LR22

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
MPX1D0624LR10 KEMET-MPX1D0624LR10 Datasheet
79Kb / 1P
KEMET, MPX, Power, 100 nH, 20%
MPX1D0624LR15 KEMET-MPX1D0624LR15 Datasheet
79Kb / 1P
KEMET, MPX, Power, 150 nH, 20%
MPX1D0624LR33 KEMET-MPX1D0624LR33 Datasheet
79Kb / 1P
KEMET, MPX, Power, 330 nH, 20%
MPX1D0624LR47 KEMET-MPX1D0624LR47 Datasheet
79Kb / 1P
KEMET, MPX, Power, 470 nH, 20%
MPX1D0624LR68 KEMET-MPX1D0624LR68 Datasheet
79Kb / 1P
KEMET, MPX, Power, 680 nH, 20%
More results


Similar Description - MPX1D0624LR22

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
MPX1D0520L6R8 KEMET-MPX1D0520L6R8 Datasheet
75Kb / 1P
KEMET, MPX, Power, 6800 nH, 20%
MPX1D0520LR22 KEMET-MPX1D0520LR22 Datasheet
74Kb / 1P
KEMET, MPX, Power, 220 nH, 20%
MPX1D0530LR22 KEMET-MPX1D0530LR22 Datasheet
75Kb / 1P
KEMET, MPX, Power, 220 nH, 20%
MPX1D0618L1R5 KEMET-MPX1D0618L1R5 Datasheet
69Kb / 1P
KEMET, MPX, Power, 1500 nH, 20%
MPX1D0618L2R2 KEMET-MPX1D0618L2R2 Datasheet
69Kb / 1P
KEMET, MPX, Power, 2200 nH, 20%
MPX1D0618L4R7 KEMET-MPX1D0618L4R7 Datasheet
69Kb / 1P
KEMET, MPX, Power, 4700 nH, 20%
MPX1D0618LR22 KEMET-MPX1D0618LR22 Datasheet
69Kb / 1P
KEMET, MPX, Power, 220 nH, 20%
MPX1D0630LR22 KEMET-MPX1D0630LR22 Datasheet
70Kb / 1P
KEMET, MPX, Power, 220 nH, 20%
MPX1D0830LR22 KEMET-MPX1D0830LR22 Datasheet
83Kb / 1P
KEMET, MPX, Power, 220 nH, 20%
MPX1D0840LR22 KEMET-MPX1D0840LR22 Datasheet
82Kb / 1P
KEMET, MPX, Power, 220 nH, 20%
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com