Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HMD2718A-30M0850 Datasheet (PDF) - Soshin electric Co., Ltd.

HMD2718A-30M0850 Datasheet PDF - Soshin electric Co., Ltd.
Part # HMD2718A-30M0850
Download  HMD2718A-30M0850 Download
File Size   566.71 Kbytes
Page   6 Pages
Manufacturer  SOSHIN [Soshin electric Co., Ltd.]
Direct Link  http://www.soshin-ele.com/
Logo SOSHIN - Soshin electric Co., Ltd.
Description 900MHz Band 30dB Chip Directional Coupler

HMD2718A-30M0850 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMD2718A-30M0850 Datasheet PDF - Soshin electric Co., Ltd.

Part # HMD2718A-30M0850
Download  HMD2718A-30M0850 Click to download

File Size   566.71 Kbytes
Page   6 Pages
Manufacturer  SOSHIN [Soshin electric Co., Ltd.]
Direct Link  http://www.soshin-ele.com/
Logo SOSHIN - Soshin electric Co., Ltd.
Description 900MHz Band 30dB Chip Directional Coupler

HMD2718A-30M0850 Datasheet (HTML) - Soshin electric Co., Ltd.




Similar Part No. - HMD2718A-30M0850

ManufacturerPart #DatasheetDescription
logo
Soshin electric Co., Lt...
HMD2710A-HYB2500 SOSHIN-HMD2710A-HYB2500 Datasheet
523Kb / 6P
2500MHz Band 90deg. Chip Hybrid Coupler
HMD2710A-HYB2500 SOSHIN-HMD2710A-HYB2500 Datasheet
523Kb / 6P
2500MHz Band 90deg. Chip Hybrid Coupler
HMD2711A-30M2000 SOSHIN-HMD2711A-30M2000 Datasheet
565Kb / 6P
2.0GHz Band 30dB Chip Directional Coupler
HMD2712A-HYB0800 SOSHIN-HMD2712A-HYB0800 Datasheet
486Kb / 6P
900MHz Band 90deg. Chip Hybrid Coupler
HMD2713A-30M2600 SOSHIN-HMD2713A-30M2600 Datasheet
558Kb / 6P
2.5GHz Band 30dB Chip Directional Coupler
More results


Similar Description - HMD2718A-30M0850

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
X4C20F1-30S ANAREN-X4C20F1-30S Datasheet
1Mb / 18P
Directional Coupler 30dB
logo
Soshin electric Co., Lt...
ARP-4171100-D1 SOSHIN-ARP-4171100-D1 Datasheet
292Kb / 3P
30dB Directional Coupler 3200-4000MHz
ARP-4270000-D1 SOSHIN-ARP-4270000-D1 Datasheet
485Kb / 6P
900MHz Band 90deg. Chip Hybrid Coupler
HGC5021-HYB0900S SOSHIN-HGC5021-HYB0900S Datasheet
20Kb / 1P
900MHz Band 90deg Chip Hybrid Coupler
HGC5221-20M0900S SOSHIN-HGC5221-20M0900S Datasheet
19Kb / 1P
900MHz Band 20dB Chip Directional Coupler
HMD1711A-30M3500 SOSHIN-HMD1711A-30M3500 Datasheet
292Kb / 3P
30dB Directional Coupler 3200-4000MHz
HMD2700A-HYB0850 SOSHIN-HMD2700A-HYB0850 Datasheet
485Kb / 6P
900MHz Band 90deg. Chip Hybrid Coupler
HMD2711A-30M2000 SOSHIN-HMD2711A-30M2000 Datasheet
565Kb / 6P
2.0GHz Band 30dB Chip Directional Coupler
HMD2712A-HYB0800 SOSHIN-HMD2712A-HYB0800 Datasheet
486Kb / 6P
900MHz Band 90deg. Chip Hybrid Coupler
HMD2713A-30M2600 SOSHIN-HMD2713A-30M2600 Datasheet
558Kb / 6P
2.5GHz Band 30dB Chip Directional Coupler
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com