Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

U152-003-3P5 Datasheet (PDF) - Tripp Lite. All Rights Reserved

U152-003-3P5 Datasheet PDF - Tripp Lite. All Rights Reserved
Part # U152-003-3P5
Download  U152-003-3P5 Download
File Size   159.61 Kbytes
Page   3 Pages
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved
Description USB to DC Power Cable ??M/M, USB-A to 3.5 x 1.35 mm DC Barrel Plug, 3 ft.

U152-003-3P5 Datasheet (PDF)

Go To PDF Page Download Datasheet
U152-003-3P5 Datasheet PDF - Tripp Lite. All Rights Reserved

Part # U152-003-3P5
Download  U152-003-3P5 Click to download

File Size   159.61 Kbytes
Page   3 Pages
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved
Description USB to DC Power Cable ??M/M, USB-A to 3.5 x 1.35 mm DC Barrel Plug, 3 ft.

U152-003-3P5 Datasheet (HTML) - Tripp Lite. All Rights Reserved




Similar Part No. - U152-003-3P5

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U152-003-M TRIPPLITE-U152-003-M Datasheet
493Kb / 2P
USB to Type M 5V DC Power Cable, 3-ft.
U152-003-N TRIPPLITE-U152-003-N Datasheet
488Kb / 2P
USB to Type N 5V DC Power Cable, 3-ft.
More results


Similar Description - U152-003-3P5

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U152003M TRIPPLITE-U152003M Datasheet
494Kb / 2P
USB to Type M 5V DC Power Cable, 3-ft
U206006R TRIPPLITE-U206006R Datasheet
508Kb / 2P
USB to Parallel Printer Cable (USB-A to Centronics 36 M-M), 6-ft
U206010 TRIPPLITE-U206010 Datasheet
509Kb / 2P
USB to Parallel Printer Cable (USB-A to Centronics 36 M-M), 10-ft.
U209000R TRIPPLITE-U209000R Datasheet
524Kb / 2P
USB to Serial Adapter Cable (USB-A to DB9 M-M), 5-ft
U152-003-M TRIPPLITE-U152-003-M Datasheet
493Kb / 2P
USB to Type M 5V DC Power Cable, 3-ft.
U050-003 TRIPPLITE-U050-003 Datasheet
155Kb / 2P
USB 2.0 A to Micro-B Cable (M/M), 3-ft.
U050-003-COIL TRIPPLITE-U050-003-COIL Datasheet
159Kb / 2P
USB 2.0 A to Micro-B Coiled Cable (M/M), 3 ft.
U324-003-BK TRIPPLITE-U324-003-BK Datasheet
170Kb / 3P
USB 3.0 SuperSpeed Extension Cable - USB-A to USB-A, M/F, Black, 3 ft. (0.9 m)
U206-006-R TRIPPLITE-U206-006-R Datasheet
175Kb / 2P
USB to Parallel Printer Cable (USB-A to Centronics 36 M/M), 6-ft.
U206-010 TRIPPLITE-U206-010 Datasheet
175Kb / 2P
USB to Parallel Printer Cable (USB-A to Centronics 36 M/M), 10-ft.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com