Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

QO360 Datasheet (PDF) - Schneider Electric

QO360 Datasheet PDF - Schneider Electric
Part # QO360
Download  QO360 Download
File Size   123.32 Kbytes
Page   3 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description QO mini breaker, 60 A, 3 pole, 120/240 V, 10 kA, plug in

QO360 Datasheet (PDF)

Go To PDF Page Download Datasheet
QO360 Datasheet PDF - Schneider Electric

Part # QO360
Download  QO360 Click to download

File Size   123.32 Kbytes
Page   3 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description QO mini breaker, 60 A, 3 pole, 120/240 V, 10 kA, plug in

QO360 Datasheet (HTML) - Schneider Electric




Similar Part No. - QO360

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QO3601021 SCHNEIDER-QO3601021 Datasheet
122Kb / 2P
QO mini breaker, 60 A, 3 pole, 120/240 V, 10 kA, plug in, shunt trip
Dec 6, 2019
QO3601042 SCHNEIDER-QO3601042 Datasheet
148Kb / 2P
Mini CB, QO, 60 A, 3P, 120/240 V, 10 kA, Plug in, Shunt Trip
Dec 20, 2019
QO3601200 SCHNEIDER-QO3601200 Datasheet
146Kb / 2P
Mini CB, QO, 60 A, 3P, 120/240 V, 10 kA, Plug in, Aux Switch 1A
Dec 30, 2019
QO3601201 SCHNEIDER-QO3601201 Datasheet
159Kb / 2P
Mini CB, QO, 60 A, 3P, 120/240 V, 10 kA, Plug in, Aux Switch 1B
Dec 30, 2019
QO3602100 SCHNEIDER-QO3602100 Datasheet
139Kb / 2P
Mini CB, QO, 60 A, 3P, 120/240 V, 10 kA, Plug in, Alarm Switch
Dec 30, 2019
More results


Similar Description - QO360

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QO340 SCHNEIDER-QO340 Datasheet
124Kb / 3P
QO mini breaker, 40 A, 3 pole, 120/240 V, 10 kA, plug in
QO350 SCHNEIDER-QO350 Datasheet
129Kb / 3P
QO mini breaker, 50 A, 3 pole, 120/240 V, 10 kA,plug in
QO380 SCHNEIDER-QO380 Datasheet
125Kb / 3P
QO mini breaker, 80 A, 3 pole, 120/240 V, 10 kA, plug in
QO315 SCHNEIDER-QO315 Datasheet
126Kb / 3P
QO mini breaker, 15 A, 3 pole, 120/240 V, 10 kA, plug in
Nov 27, 2019
QO390 SCHNEIDER-QO390 Datasheet
133Kb / 3P
QO mini breaker, 90 A, 3 pole, 120/240 V, 10 kA, plug in
Nov 28, 2019
QO325 SCHNEIDER-QO325 Datasheet
122Kb / 3P
QO mini breaker, 25 A, 3 pole, 120/240 V, 10 kA, plug in
QO345 SCHNEIDER-QO345 Datasheet
123Kb / 3P
QO mini breaker, 45 A, 3 pole, 120/240 V, 10 kA, plug in
QO160 SCHNEIDER-QO160 Datasheet
119Kb / 3P
QO mini breaker, 60 A, 1 pole, 120/240 V, 10 kA, plug in
Dec 6, 2019
QO3601021 SCHNEIDER-QO3601021 Datasheet
122Kb / 2P
QO mini breaker, 60 A, 3 pole, 120/240 V, 10 kA, plug in, shunt trip
Dec 6, 2019
QO360CP SCHNEIDER-QO360CP Datasheet
168Kb / 2P
QO mini breaker, 60 A, 3 pole, 120/240 V, 10 kA, plug in, CP
Dec 16, 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com