| Manufacturer | Part # | Datasheet | Description |
 Schneider Electric |
QO200TR
|
106Kb / 3P |
Molded Case Switch, QO, 60 A, 1PH, 240 V, 22 kA, A/C
Nov 26, 2019 |
|
QO200TRNM
|
140Kb / 2P |
Molded Case Switch, QO, 60 A, 1PH, 240 V, 22 kA, A/C, NM
Nov 27, 2019 |
|
QO260NATS
|
147Kb / 2P |
Molded Case Switch, QO, 60 A, 1PH, 240 V, 22 kA, NEMA 1
Dec 4, 2019 |
|
QO200TRCP
|
121Kb / 2P |
Molded Case Switch, QO, 60 A, 1PH, 240 V, 22 kA, A/C, CP
Dec 6, 2019 |
|
QO2000NS
|
100Kb / 2P |
Molded Case Switch, QO, 100 A, 2P, 240 V, 10 kA, Plug in, NEMA 1
|
|
QO2000NRB
|
108Kb / 2P |
Molded Case Switch, QO, 100 A, 2P, 240 V, 10 kA, Plug in, NEMA 3R
|
|
QO260VH2100
|
153Kb / 2P |
Mini CB, QO, 60 A, 2P, 120/240 V, 22 kA, Plug in, Alarm Switch
|
|
QO360VH2100
|
139Kb / 2P |
Mini CB, QO, 60 A, 3P, 120/240 V, 22 kA, Plug in, Alarm Switch
Dec 30, 2019 |
|
QOB260VH2100
|
137Kb / 2P |
Mini CB, QO, 60 A, 2P, 120/240 V, 22 kA, Bolt on, Alarm Switch
|
|
QOB360VH2100
|
57Kb / 2P |
Mini CB, QO, 60 A, 3P, 120/240 V, 22 kA, Bolt on, Alarm Switch
|
|