Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PDTD113EQA Datasheet (PDF) - Nexperia B.V. All rights reserved

PDTD113EQA Datasheet PDF - Nexperia B.V. All rights reserved
Part # PDTD113EQA
Download  PDTD113EQA Download
File Size   2347.74 Kbytes
Page   24 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 50 V, 500 mA NPN resistor-equipped transistors

PDTD113EQA Datasheet (PDF)

Go To PDF Page Download Datasheet
PDTD113EQA Datasheet PDF - Nexperia B.V. All rights reserved

Part # PDTD113EQA
Download  PDTD113EQA Click to download

File Size   2347.74 Kbytes
Page   24 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 50 V, 500 mA NPN resistor-equipped transistors

PDTD113EQA Datasheet (HTML) - Nexperia B.V. All rights reserved


PDTD113EQA Product details

General description
NPN Resistor-Equipped Transistor (RET) family in a leadless ultra small DFN1010D-3 (SOT1215) Surface-Mounted Device (SMD) plastic package with visible and solderable side pads.

Features and benefits
■ 500 mA output current capability 
■ Reduced pick and place costs
■ Built-in bias resistors 
■ Low package height of 0.37 mm
■  10% resistor ratio tolerance 
■ Suitable for Automatic Optical
   Inspection (AOI) of solder joint
■ Simplifies circuit design 
■ AEC-Q101 qualified
■ Reduces component count

Applications
■ Digital applications 
■ Controlling IC inputs
■ Cost saving alternative for
   BC807/BC817 series in digital
   applications
■ Switching loads




Similar Part No. - PDTD113EQA

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PDTD113EQA NEXPERIA-PDTD113EQA Datasheet
2Mb / 24P
50 V, 500 mA NPN resistor-equipped transistors
Rev. 1 - 4 February 2016
PDTD113EQA NEXPERIA-PDTD113EQA Datasheet
3Mb / 23P
50 V, 500 mA PNP resistor-equipped transistors
Rev. 1 - 30 March 2016
PDTD113EQA_SER NEXPERIA-PDTD113EQA_SER Datasheet
2Mb / 24P
50 V, 500 mA NPN resistor-equipped transistors
Rev. 1 - 4 February 2016
More results


Similar Description - PDTD113EQA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTD1XXXT PHILIPS-PDTD1XXXT_15 Datasheet
1Mb / 18P
500 mA, 50 V NPN resistor-equipped transistors
Rev. 1-15 May 2014
PDTD1XXXU PHILIPS-PDTD1XXXU_15 Datasheet
2Mb / 27P
500 mA, 50 V NPN resistor-equipped transistors
Rev. 1-13 May 2014
PDTD123E PHILIPS-PDTD123E_15 Datasheet
131Kb / 10P
NPN 500 mA, 50 V resistor-equipped transistors
Rev. 02-16 November 2009
logo
Nexperia B.V. All right...
PDTB1XXXU NEXPERIA-PDTB1XXXU Datasheet
3Mb / 27P
500 mA, 50 V PNP resistor-equipped transistors
PDTD113Z NEXPERIA-PDTD113Z Datasheet
1Mb / 22P
50 V, 500 mA NPN resistor-equipped transistors
PDTD1XXXU NEXPERIA-PDTD1XXXU Datasheet
3Mb / 27P
500 mA, 50 V NPN resistor-equipped transistors
PDTD1XXXT NEXPERIA-PDTD1XXXT Datasheet
2Mb / 18P
500 mA, 50 V NPN resistor-equipped transistors
PDTD113EQA_SER NEXPERIA-PDTD113EQA_SER Datasheet
2Mb / 24P
50 V, 500 mA NPN resistor-equipped transistors
Rev. 1 - 4 February 2016
PDTD113ZQA_SER NEXPERIA-PDTD113ZQA_SER Datasheet
1Mb / 22P
50 V, 500 mA NPN resistor-equipped transistors
Rev. 1 - 31 March 2016
PDTD1XXXU_SER NEXPERIA-PDTD1XXXU_SER Datasheet
3Mb / 27P
500 mA, 50 V NPN resistor-equipped transistors
Rev. 1 - 13 May 2014
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com