Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

QOB235 Datasheet (PDF) - Schneider Electric

QOB235 Datasheet PDF - Schneider Electric
Part # QOB235
Download  QOB235 Download
File Size   132.03 Kbytes
Page   3 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description QO mini breaker, 35 A, 2 pole, 120/240 V, 10 kA, bolt on

QOB235 Datasheet (PDF)

Go To PDF Page Download Datasheet
QOB235 Datasheet PDF - Schneider Electric

Part # QOB235
Download  QOB235 Click to download

File Size   132.03 Kbytes
Page   3 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description QO mini breaker, 35 A, 2 pole, 120/240 V, 10 kA, bolt on

QOB235 Datasheet (HTML) - Schneider Electric




Similar Part No. - QOB235

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOB2351021 SCHNEIDER-QOB2351021 Datasheet
143Kb / 2P
Mini CB, QO, 35 A, 2P, 120/240 V, 10 kA, Bolt on, Shunt Trip
QOB2351200 SCHNEIDER-QOB2351200 Datasheet
131Kb / 2P
Mini CB, QO, 35 A, 2P, 120/240 V, 10 kA, Bolt on, Aux Switch 1A
QOB23535 SCHNEIDER-QOB23535 Datasheet
123Kb / 2P
Mini CB, QO, 35 A, 2P, 120/240 V, 10 kA, Bolt on, 50Deg
QOB2355238 SCHNEIDER-QOB2355238 Datasheet
106Kb / 2P
Mini CB, QO, 35 A, 2P, 120/240 V, 10 kA, Bolt on
QOB235CP SCHNEIDER-QOB235CP Datasheet
116Kb / 2P
QO mini breaker, 35 A, 2 pole, 120/240 V, 10 kA, bolt on, CP
Dec 30, 2019
More results


Similar Description - QOB235

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOB230 SCHNEIDER-QOB230 Datasheet
130Kb / 3P
QO mini breaker, 30 A, 2 pole, 120/240 V, 10 kA, bolt on
QOB215 SCHNEIDER-QOB215 Datasheet
129Kb / 3P
QO mini breaker, 15 A, 2 pole, 120/240 V, 10 kA, bolt on
QOB240 SCHNEIDER-QOB240 Datasheet
126Kb / 3P
QO mini breaker, 40 A, 2 pole, 120/240 V, 10 kA, bolt on
Nov 27, 2019
QOB260 SCHNEIDER-QOB260 Datasheet
133Kb / 3P
QO mini breaker, 60 A, 2 pole, 120/240 V, 10 kA, bolt on
Nov 27, 2019
QOB280 SCHNEIDER-QOB280 Datasheet
114Kb / 2P
QO mini breaker, 80 A, 2 pole, 120/240 V, 10 kA, bolt on
Nov 28, 2019
QOB335 SCHNEIDER-QOB335 Datasheet
140Kb / 3P
QO mini breaker, 35 A, 3 pole, 120/240 V, 10 kA, bolt on
Nov 27, 2019
QOB2125 SCHNEIDER-QOB2125 Datasheet
132Kb / 3P
QO mini breaker, 125 A, 2 pole, 120/240 V, 10 kA, bolt on
Nov 28, 2019
QOB245 SCHNEIDER-QOB245 Datasheet
124Kb / 3P
QO mini breaker, 45 A, 2 pole, 120/240 V, 10 kA, bolt on
QOB290 SCHNEIDER-QOB290 Datasheet
123Kb / 3P
QO mini breaker, 90 A, 2 pole, 120/240 V, 10 kA, bolt on
Dec 6, 2019
QOB235CP SCHNEIDER-QOB235CP Datasheet
116Kb / 2P
QO mini breaker, 35 A, 2 pole, 120/240 V, 10 kA, bolt on, CP
Dec 30, 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com