Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

QOB26035 Datasheet (PDF) - Schneider Electric

QOB26035 Datasheet PDF - Schneider Electric
Part # QOB26035
Download  QOB26035 Download
File Size   123.5 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Mini CB, QO, 60 A, 2P, 120/240 V, 10 kA, Bolt on, 50Deg

QOB26035 Datasheet (PDF)

Go To PDF Page Download Datasheet
QOB26035 Datasheet PDF - Schneider Electric

Part # QOB26035
Download  QOB26035 Click to download

File Size   123.5 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Mini CB, QO, 60 A, 2P, 120/240 V, 10 kA, Bolt on, 50Deg

QOB26035 Datasheet (HTML) - Schneider Electric




Similar Part No. - QOB26035

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOB260 SCHNEIDER-QOB260 Datasheet
133Kb / 3P
QO mini breaker, 60 A, 2 pole, 120/240 V, 10 kA, bolt on
Nov 27, 2019
QOB2601021 SCHNEIDER-QOB2601021 Datasheet
143Kb / 2P
Mini CB, QO, 60 A, 2P, 120/240 V, 10 kA, Bolt on, Shunt Trip
Dec 6, 2019
QOB2601042 SCHNEIDER-QOB2601042 Datasheet
132Kb / 2P
Mini CB, QO, 60 A, 2P, 120/240 V, 10 kA, Bolt on, Shunt Trip
Dec 30, 2019
QOB2601200 SCHNEIDER-QOB2601200 Datasheet
132Kb / 2P
Mini CB, QO, 60 A, 2P, 120/240 V, 10 kA, Bolt on, Aux Switch 1A
QOB2601201 SCHNEIDER-QOB2601201 Datasheet
136Kb / 2P
Mini CB, QO, 60 A, 2P, 120/240 V, 10 kA, Bolt on, Aux Switch 1B
Dec 30, 2019
More results


Similar Description - QOB26035

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOB25035 SCHNEIDER-QOB25035 Datasheet
123Kb / 2P
Mini CB, QO, 50 A, 2P, 120/240 V, 10 kA, Bolt on, 50Deg
QOB23535 SCHNEIDER-QOB23535 Datasheet
123Kb / 2P
Mini CB, QO, 35 A, 2P, 120/240 V, 10 kA, Bolt on, 50Deg
QOB240H35 SCHNEIDER-QOB240H35 Datasheet
57Kb / 2P
Mini CB, QO, 40 A, 2P, 120/240 V, 10 kA, Bolt on, 50Deg
Dec 30, 2019
QOB220H35 SCHNEIDER-QOB220H35 Datasheet
124Kb / 2P
Mini CB, QO, 20 A, 2P, 120/240 V, 10 kA, Bolt on, 50Deg
QOB21035 SCHNEIDER-QOB21035 Datasheet
132Kb / 2P
Mini CB, QO, 10 A, 2P, 120/240 V, 10 kA, Bolt on, 50Deg
QOB22535 SCHNEIDER-QOB22535 Datasheet
132Kb / 2P
Mini CB, QO, 25 A, 2P, 120/240 V, 10 kA, Bolt on, 50Deg
QOB24035 SCHNEIDER-QOB24035 Datasheet
123Kb / 2P
Mini CB, QO, 40 A, 2P, 120/240 V, 10 kA, Bolt on, 50Deg
QOB24535 SCHNEIDER-QOB24535 Datasheet
57Kb / 2P
Mini CB, QO, 45 A, 2P, 120/240 V, 10 kA, Bolt on, 50Deg
QOB212535 SCHNEIDER-QOB212535 Datasheet
119Kb / 2P
Mini CB, QO, 125 A, 2P, 120/240 V, 10 kA, Bolt on, 50Deg
QOB28035 SCHNEIDER-QOB28035 Datasheet
115Kb / 2P
Mini CB, QO, 80 A, 2P, 120/240 V, 10 kA, Bolt on, 50Deg
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com