Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

QOB36035 Datasheet (PDF) - Schneider Electric

QOB36035 Datasheet PDF - Schneider Electric
Part # QOB36035
Download  QOB36035 Download
File Size   140.26 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Mini CB, QO, 60 A, 3P, 120/240 V, 10 kA, Bolt on, 50Deg

QOB36035 Datasheet (PDF)

Go To PDF Page Download Datasheet
QOB36035 Datasheet PDF - Schneider Electric

Part # QOB36035
Download  QOB36035 Click to download

File Size   140.26 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Mini CB, QO, 60 A, 3P, 120/240 V, 10 kA, Bolt on, 50Deg

QOB36035 Datasheet (HTML) - Schneider Electric




Similar Part No. - QOB36035

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOB360 SCHNEIDER-QOB360 Datasheet
157Kb / 3P
QO mini breaker, 60 A, 3 pole, 120/240 V, 10 kA, bolt on
QOB3601021 SCHNEIDER-QOB3601021 Datasheet
158Kb / 2P
QO mini breaker, 60 A, 3 pole, 120/240 V, 10 kA, bolt on, shunt trip
QOB3601042 SCHNEIDER-QOB3601042 Datasheet
139Kb / 2P
Mini CB, QO, 60 A, 3P, 120/240 V, 10 kA, Bolt on, Shunt Trip
QOB3601200 SCHNEIDER-QOB3601200 Datasheet
147Kb / 2P
Mini CB, QO, 60 A, 3P, 120/240 V, 10 kA, Bolt on, Aux Switch 1A
Dec 16, 2019
QOB3601201 SCHNEIDER-QOB3601201 Datasheet
146Kb / 2P
Mini CB, QO, 60 A, 3P, 120/240 V, 10 kA, Bolt on, Aux Switch 1B
More results


Similar Description - QOB36035

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOB32035 SCHNEIDER-QOB32035 Datasheet
157Kb / 2P
Mini CB, QO, 20 A, 3P, 120/240 V, 10 kA, Bolt on, 50Deg
Dec 6, 2019
QOB360VH35 SCHNEIDER-QOB360VH35 Datasheet
56Kb / 2P
Mini CB, QO, 60 A, 3P, 120/240 V, 22 kA, Bolt on, 50Deg
QOB31535 SCHNEIDER-QOB31535 Datasheet
157Kb / 2P
Mini CB, QO, 15 A, 3P, 120/240 V, 10 kA, Bolt on, 50Deg
QOB35035 SCHNEIDER-QOB35035 Datasheet
140Kb / 2P
Mini CB, QO, 50 A, 3P, 120/240 V, 10 kA, Bolt on, 50Deg
QOB37035 SCHNEIDER-QOB37035 Datasheet
140Kb / 2P
Mini CB, QO, 70 A, 3P, 120/240 V, 10 kA, Bolt on, 50Deg
QOB38035 SCHNEIDER-QOB38035 Datasheet
122Kb / 2P
Mini CB, QO, 80 A, 3P, 120/240 V, 10 kA, Bolt on, 50Deg
QOB39035 SCHNEIDER-QOB39035 Datasheet
122Kb / 2P
Mini CB, QO, 90 A, 3P, 120/240 V, 10 kA, Bolt on, 50Deg
QOB31035 SCHNEIDER-QOB31035 Datasheet
149Kb / 2P
Mini CB, QO, 10 A, 3P, 120/240 V, 10 kA, Bolt on, 50Deg
QOB34535 SCHNEIDER-QOB34535 Datasheet
132Kb / 2P
Mini CB, QO, 45 A, 3P, 120/240 V, 10 kA, Bolt on, 50Deg
QOB310035 SCHNEIDER-QOB310035 Datasheet
121Kb / 2P
Mini CB, QO, 100 A, 3P, 120/240 V, 10 kA, Bolt on, 50Deg
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com