Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

QO260C Datasheet (PDF) - Schneider Electric

QO260C Datasheet PDF - Schneider Electric
Part # QO260C
Download  QO260C Download
File Size   137.39 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Mini CB, QO, 60 A, 2P, 120/240 V, 10 kA, Plug in

QO260C Datasheet (PDF)

Go To PDF Page Download Datasheet
QO260C Datasheet PDF - Schneider Electric

Part # QO260C
Download  QO260C Click to download

File Size   137.39 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Mini CB, QO, 60 A, 2P, 120/240 V, 10 kA, Plug in

QO260C Datasheet (HTML) - Schneider Electric




Similar Part No. - QO260C

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QO260CP SCHNEIDER-QO260CP Datasheet
137Kb / 2P
QO mini breaker, 60 A, 2 pole, 120/240 V, 10 kA, plug in, CP
More results


Similar Description - QO260C

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QO260 SCHNEIDER-QO260 Datasheet
153Kb / 3P
Mini CB, QO, 60 A, 2P, 120/240 V, 10 kA, Plug in
QO2105237 SCHNEIDER-QO2105237 Datasheet
111Kb / 2P
Mini CB, QO, 10 A, 2P, 120/240 V, 10 kA, Plug in
Dec 6, 2019
QO260H SCHNEIDER-QO260H Datasheet
153Kb / 3P
Mini CB, QO, 60 A, 2P, 120/240 V, 10 kA, Plug in
QOH250 SCHNEIDER-QOH250 Datasheet
158Kb / 3P
Mini CB, QO, 60 A, 2P, 120/240 V, 42 kA, Plug in
Dec 16, 2019
QOH260 SCHNEIDER-QOH260 Datasheet
143Kb / 2P
Mini CB, QO, 60 A, 2P, 120/240 V, 42 kA, Plug in
Dec 6, 2019
QO26035 SCHNEIDER-QO26035 Datasheet
137Kb / 2P
Mini CB, QO, 60 A, 2P, 120/240 V, 10 kA, Plug in, 50Deg
QO2601042 SCHNEIDER-QO2601042 Datasheet
151Kb / 2P
Mini CB, QO, 60 A, 2P, 120/240 V, 10 kA, Plug in,Shunt Trip
Dec 20, 2019
QO2602100 SCHNEIDER-QO2602100 Datasheet
152Kb / 2P
Mini CB, QO, 60 A, 2P, 120/240 V, 10 kA, Plug in, Alarm Switch
Dec 20, 2019
QO2605238 SCHNEIDER-QO2605238 Datasheet
107Kb / 2P
Mini CB, QO, 60 A, 2P, 120/240 V, 10 kA, Plug in
Dec 20, 2019
QO2605379 SCHNEIDER-QO2605379 Datasheet
90Kb / 2P
Mini CB, QO, 60 A, 2P, 120/240 V, 10 kA, Plug in
Dec 20, 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com