Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

QOB360FT Datasheet (PDF) - Schneider Electric

QOB360FT Datasheet PDF - Schneider Electric
Part # QOB360FT
Download  QOB360FT Download
File Size   64.77 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Mini CB, QO, 60 A, 3P, 120/240 V, 10 kA, Bolt on, FT

QOB360FT Datasheet (PDF)

Go To PDF Page Download Datasheet
QOB360FT Datasheet PDF - Schneider Electric

Part # QOB360FT
Download  QOB360FT Click to download

File Size   64.77 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Mini CB, QO, 60 A, 3P, 120/240 V, 10 kA, Bolt on, FT

QOB360FT Datasheet (HTML) - Schneider Electric




Similar Part No. - QOB360FT

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOB360F10 SCHNEIDER-QOB360F10 Datasheet
56Kb / 2P
Mini CB, QO, 60 A, 3P, 120/240 V, 10 kA, Bolt on
More results


Similar Description - QOB360FT

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOB330FT SCHNEIDER-QOB330FT Datasheet
157Kb / 2P
Mini CB, QO, 30 A, 3P, 120/240 V, 10 kA, Bolt on, FT
QOB3605273 SCHNEIDER-QOB3605273 Datasheet
149Kb / 2P
Mini CB, QO, 60 A, 3P, 120/240 V, 10 kA, Bolt on
Dec 4, 2019
QOB3605274 SCHNEIDER-QOB3605274 Datasheet
143Kb / 2P
Mini CB, QO, 60 A, 3P, 120/240 V, 10 kA, Bolt on
Dec 16, 2019
QOB325FT SCHNEIDER-QOB325FT Datasheet
57Kb / 2P
Mini CB, QO, 25 A, 3P, 120/240 V, 10 kA, Bolt on, FT
QOB340FT SCHNEIDER-QOB340FT Datasheet
57Kb / 2P
Mini CB, QO, 40 A, 3P, 120/240 V, 10 kA, Bolt on, FT
QOB345FT SCHNEIDER-QOB345FT Datasheet
132Kb / 2P
Mini CB, QO, 45 A, 3P, 120/240 V, 10 kA, Bolt on, FT
QOB350FT SCHNEIDER-QOB350FT Datasheet
139Kb / 2P
Mini CB, QO, 50 A, 3P, 120/240 V, 10 kA, Bolt on, FT
QOB360F10 SCHNEIDER-QOB360F10 Datasheet
56Kb / 2P
Mini CB, QO, 60 A, 3P, 120/240 V, 10 kA, Bolt on
QOB360VHFT SCHNEIDER-QOB360VHFT Datasheet
57Kb / 2P
Mini CB, QO, 60 A, 3P, 120/240 V, 22 kA, Bolt on, FT
QOB390FT SCHNEIDER-QOB390FT Datasheet
57Kb / 2P
Mini CB, QO, 90 A, 3P, 120/240 V, 10 kA, Bolt on, FT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com