Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DSC612NI3A-010T Datasheet (PDF) - Microchip Technology

DSC612NI3A-010T Datasheet PDF - Microchip Technology
Part # DSC612NI3A-010T
Download  DSC612NI3A-010T Download
File Size   1313.48 Kbytes
Page   5 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Two-Output Low Power MEMS Clock Generator

DSC612NI3A-010T Datasheet (PDF)

Go To PDF Page Download Datasheet
DSC612NI3A-010T Datasheet PDF - Microchip Technology

Part # DSC612NI3A-010T
Download  DSC612NI3A-010T Click to download

File Size   1313.48 Kbytes
Page   5 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Two-Output Low Power MEMS Clock Generator

DSC612NI3A-010T Datasheet (HTML) - Microchip Technology


DSC612NI3A-010T Product details

General Description
The DSC612NI3A-010T is a two-output low power MEMS clock generator.
The MEMS based clock generator eliminates the need of external crystal or reference clock.

Features
• Two LVCMOS clock outputs:
   19.2MHz, 26MHz
• Ultra-small package size: 2.0mm x 1.6mm 6L LGA
• High stability: ±20ppm
• Temperature range: -40°C to +85°C
• Low power consumption: ~5mA (both outputs active)
• Wide supply voltage range: 1.71V -3.63V VDD
• Excellent shock and vibration immunity
• High reliability
• Lead free and RoHS compliant
• AEC-Q100 automotive grade available




Similar Part No. - DSC612NI3A-010T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSC612NI3A-010G MICROCHIP-DSC612NI3A-010G Datasheet
1Mb / 5P
Two-Output Low Power MEMS Clock Generator
November 29, 2018 Revision 1.0
DSC612NI3A-010GT MICROCHIP-DSC612NI3A-010GT Datasheet
1Mb / 5P
Two-Output Low Power MEMS Clock Generator
November 29, 2018 Revision 1.0
More results


Similar Description - DSC612NI3A-010T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSC612NI3A-010G MICROCHIP-DSC612NI3A-010G Datasheet
1Mb / 5P
Two-Output Low Power MEMS Clock Generator
November 29, 2018 Revision 1.0
DSC612NL3A-019A MICROCHIP-DSC612NL3A-019A Datasheet
1Mb / 5P
Two-Output Low Power MEMS Clock Generator
July 10, 2019 Revision 1.0
DSC612PI2A-012Q MICROCHIP-DSC612PI2A-012Q Datasheet
1Mb / 5P
Two-Output Low Power MEMS Clock Generator
November 15, 2018 Revision 1.0
DSC612PI2A-0130 MICROCHIP-DSC612PI2A-0130 Datasheet
1Mb / 5P
Two-Output Low Power MEMS Clock Generator
November 20, 2018 Revision 1.0
DSC612PI3A-010J MICROCHIP-DSC612PI3A-010J Datasheet
1Mb / 5P
Two-Output Low Power MEMS Clock Generator
November 15, 2018 Revision 1.0
DSC612PL2A-0130 MICROCHIP-DSC612PL2A-0130 Datasheet
1Mb / 5P
Two-Output Low Power MEMS Clock Generator
November 21, 2018 Revision 1.0
DSC612PL2A-0132 MICROCHIP-DSC612PL2A-0132 Datasheet
1Mb / 5P
Two-Output Low Power MEMS Clock Generator
November 21, 2018 Revision 1.0
DSC612RA3A-010S MICROCHIP-DSC612RA3A-010S Datasheet
1Mb / 5P
Two-Output Low Power MEMS Clock Generator
November 29, 2018 Revision 1.0
DSC612RI1A-012M MICROCHIP-DSC612RI1A-012M Datasheet
1Mb / 5P
Two-Output Low Power MEMS Clock Generator
November 15, 2018 Revision 1.0
DSC612RI3A-010G MICROCHIP-DSC612RI3A-010G Datasheet
1Mb / 5P
Two-Output Low Power MEMS Clock Generator
November 29, 2018 Revision 1.0
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com