Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SC-20-201 Datasheet (PDF) - Kemet Corporation

SC-20-201 Datasheet PDF - Kemet Corporation
Part # SC-20-201
Download  SC-20-201 Download
File Size   97.38 Kbytes
Page   1 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description KEMET, SC, AC Line Filters, Common Mode, 2000 uH

SC-20-201 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC-20-201 Datasheet PDF - Kemet Corporation

Part # SC-20-201
Download  SC-20-201 Click to download

File Size   97.38 Kbytes
Page   1 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description KEMET, SC, AC Line Filters, Common Mode, 2000 uH

SC-20-201 Datasheet (HTML) - Kemet Corporation


SC-20-201 Product details

Overview
The KEMET SC coils are common mode chokes with a wide variety of characteristics. These toroidal coils are designed with our proprietary ferrite cores and are useful in various noise countermeasure fields.

Benefits
• Proprietary 5H, 7H and 10H ferrite material and equivalents
• Suitable for ≥ 150 kHz range
• Wide variety of sizes and specifications
• Operating temperature range from −25°C to +105°C or +120°C
• UL 94 V–2 or V–0 flame retardant rated cap

Applications
• Audio-visual equipment
• Home appliances
• Power supplies




Similar Part No. - SC-20-201

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SC-20-201 KEMET-SC-20-201 Datasheet
1Mb / 17P
Common Mode SC Coils, Standard Series
More results


Similar Description - SC-20-201

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SC-06-E200JH KEMET-SC-06-E200JH Datasheet
128Kb / 1P
KEMET, SC-JH, AC Line Filters, Common Mode, 2000 uH
SC-20-20JH KEMET-SC-20-20JH Datasheet
129Kb / 1P
KEMET, SC-JH, AC Line Filters, Common Mode, 2000 uH
SC-20-E20JH KEMET-SC-20-E20JH Datasheet
129Kb / 1P
KEMET, SC-JH, AC Line Filters, Common Mode, 2000 uH
SC-04-200 KEMET-SC-04-200 Datasheet
97Kb / 1P
KEMET, SC, AC Line Filters, Common Mode, 2000 uH
SC-05-20J KEMET-SC-05-20J Datasheet
92Kb / 1P
KEMET, SC-J, AC Line Filters, Common Mode, 2000 uH
SC-05-21J KEMET-SC-05-21J Datasheet
92Kb / 1P
KEMET, SC-J, AC Line Filters, Common Mode, 2000 uH
SC-08-20J KEMET-SC-08-20J Datasheet
92Kb / 1P
KEMET, SC-J, AC Line Filters, Common Mode, 2000 uH
SC-10-340 KEMET-SC-10-340 Datasheet
97Kb / 1P
KEMET, SC, AC Line Filters, Common Mode, 3400 uH
SC-08-200B KEMET-SC-08-200B Datasheet
97Kb / 1P
KEMET, SC, AC Line Filters, Common Mode, 2000 uH
SC-05-203 KEMET-SC-05-203 Datasheet
78Kb / 1P
KEMET, SC, AC Line Filters, Common Mode, 2000 uH
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com