Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MC74VHC245 Datasheet (PDF) - Motorola, Inc

MC74VHC245 Datasheet PDF - Motorola, Inc
Part # MC74VHC245
Download  MC74VHC245 Download
File Size   175.42 Kbytes
Page   7 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Octal Bus Transceiver

MC74VHC245 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC74VHC245 Datasheet PDF - Motorola, Inc

Part # MC74VHC245
Download  MC74VHC245 Click to download

File Size   175.42 Kbytes
Page   7 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Octal Bus Transceiver

MC74VHC245 Datasheet (HTML) - Motorola, Inc


MC74VHC245 Product details

Octal Bus Transceiver

The MC74VHC245 is an advanced high speed CMOS octal bus transceiver fabricated with silicon gate CMOS technology. It achieves high speed operation similar to equivalent Bipolar Schottky TTL while maintaining CMOS low power dissipation.
It is intended for two–way asynchronous communication between data buses. The direction of data transmission is determined by the level of the DIR input. The output enable pin (OE) can be used to disable the device, so that the buses are effectively isolated.
All inputs are equipped with protection circuits against static discharge.

• High Speed: tPD = 4.0ns (Typ) at VCC = 5V
• Low Power Dissipation: ICC = 4µA (Max) at TA = 25°C
• High Noise Immunity: VNIH = VNIL = 28% VCC
• Power Down Protection Provided on Inputs
• Balanced Propagation Delays
• Designed for 2V to 5.5V Operating Range
• Low Noise: VOLP = 1.2V (Max)
• Pin and Function Compatible with Other Standard Logic Families
• Latchup Performance Exceeds 300mA
• ESD Performance: HBM > 2000V; Machine Model > 200V
• Chip Complexity: 308 FETs or 77 Equivalent Gates




Similar Part No. - MC74VHC245

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC245 ONSEMI-MC74VHC245 Datasheet
178Kb / 8P
Octal Bus Transceiver
March, 2006 ??Rev. 5
MC74VHC245 ONSEMI-MC74VHC245 Datasheet
136Kb / 8P
Octal Bus Buffer/Line Driver
May, 2011 ??Rev. 6
MC74VHC245DT ONSEMI-MC74VHC245DT Datasheet
178Kb / 8P
Octal Bus Transceiver
March, 2006 ??Rev. 5
MC74VHC245DTG ONSEMI-MC74VHC245DTG Datasheet
136Kb / 8P
Octal Bus Buffer/Line Driver
May, 2011 ??Rev. 6
MC74VHC245DTR2 ONSEMI-MC74VHC245DTR2 Datasheet
178Kb / 8P
Octal Bus Transceiver
March, 2006 ??Rev. 5
More results


Similar Description - MC74VHC245

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHCT245A ONSEMI-MC74VHCT245A Datasheet
163Kb / 6P
Octal Bus Transceiver
1997 REV 0
logo
Toshiba Semiconductor
TC74LVX245F TOSHIBA-TC74LVX245F Datasheet
270Kb / 8P
OCTAL BUS TRANSCEIVER
logo
Siemens Semiconductor G...
SAB8286A SIEMENS-SAB8286A Datasheet
110Kb / 6P
OCTAL BUS TRANSCEIVER
logo
Intel Corporation
M8287 INTEL-M8287 Datasheet
118Kb / 4P
OCTAL BUS TRANSCEIVER
logo
Texas Instruments
SN74AS620 TI-SN74AS620 Datasheet
477Kb / 10P
OCTAL BUS TRANSCEIVER
logo
ON Semiconductor
MC74VHC245 ONSEMI-MC74VHC245 Datasheet
178Kb / 8P
Octal Bus Transceiver
March, 2006 ??Rev. 5
logo
Toshiba Semiconductor
TC74HC245AP TOSHIBA-TC74HC245AP_07 Datasheet
273Kb / 8P
Octal Bus Transceiver
TC74VHC245F TOSHIBA-TC74VHC245F_12 Datasheet
211Kb / 9P
Octal Bus Transceiver
logo
ON Semiconductor
MC74VHCT245A ONSEMI-MC74VHCT245A_14 Datasheet
100Kb / 7P
Octal Bus Transceiver
October, 2014 ??Rev. 7
logo
Toshiba Semiconductor
TC74VHC245F TOSHIBA-TC74VHC245F_V01 Datasheet
316Kb / 6P
OCTAL BUS TRANSCEIVER
1997-01-30
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com