| Manufacturer | Part # | Datasheet | Description |
 Tripp Lite. All Rights ... |
SR48UBDPWD
|
521Kb / 3P |
48U SmartRack Deep and Wide Rack Enclosure Cabinet with doors and side panels
|
|
SR48UBWD
|
531Kb / 4P |
48U SmartRack Wide Standard-Depth Rack Enclosure Cabinet with doors and side panels
|
 Schneider Electric |
AR3100
|
101Kb / 2P |
NetShelter SX 42U 600mm Wide x 1070mm Deep Enclosure with Sides Black
|
|
AR3814
|
89Kb / 2P |
NetShelter AV 24U 600mm Wide x 825mm Deep Enclosure with Sides and 10-32 Threaded Rails Black
Sep 2, 2020 |
|
AR3105
|
91Kb / 2P |
NetShelter SX 45U 600mm Wide x 1070mm Deep Enclosure with Sides Black
|
|
AR3350
|
153Kb / 2P |
NetShelter SX 42U 750mm Wide x 1200mm Deep Enclosure with Sides Black
Oct 12, 2020 |
|
AR3100CTO
|
81Kb / 2P |
APC Netshelter SX, Server Rack Enclosure, 42U, Black, 1991H x 600W x 1070D mm, CTO
Oct 17, 2021 |
|
AR3100HACS
|
107Kb / 2P |
APC Netshelter SX, Server Rack Enclosure, 42U, Black, 1991H x 600W x 1070D mm
Sep 20, 2021 |
|
AR3100SP
|
134Kb / 2P |
NetShelter SX 42U 600mm Wide x 1070mm Deep Enclosure with Sides Black -2000 lbs. Shock Packaging
May 5, 2020 |
|
AR3350X609
|
110Kb / 2P |
APC Netshelter SX, Server Rack Enclosure, 42U, without Sides, Black, 1991H x 750W x 1200D mm
Sep 29, 2021 |