Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BC856S Datasheet (PDF) - SHIKUES Electronics

BC856S Datasheet PDF - SHIKUES Electronics
Part # BC856S
Download  BC856S Download
File Size   488.12 Kbytes
Page   2 Pages
Manufacturer  SKTECHNOLGY [SHIKUES Electronics]
Direct Link  http://www.shikues.com
Logo SKTECHNOLGY - SHIKUES Electronics
Description Power dissipation, plastic case, Weight approx

BC856S Datasheet (PDF)

Go To PDF Page Download Datasheet
BC856S Datasheet PDF - SHIKUES Electronics

Part # BC856S
Download  BC856S Click to download

File Size   488.12 Kbytes
Page   2 Pages
Manufacturer  SKTECHNOLGY [SHIKUES Electronics]
Direct Link  http://www.shikues.com
Logo SKTECHNOLGY - SHIKUES Electronics
Description Power dissipation, plastic case, Weight approx

BC856S Datasheet (HTML) - SHIKUES Electronics


BC856S Product details

Surface mount Si-Epitaxial PlanarTransistors

• Power dissipation                300 mW
• Plastic case                         SOT-363
• Weight approx.                        0.01 g
• Plastic material has UL classification 94V-0
• Standard packaging taped and reeled




Similar Part No. - BC856S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC856S PHILIPS-BC856S Datasheet
50Kb / 8P
PNP general purpose double transistor
1999 Aug 24
logo
Siemens Semiconductor G...
BC856S SIEMENS-BC856S Datasheet
42Kb / 6P
PNP Silicon AF Transistor Array (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
logo
Infineon Technologies A...
BC856S INFINEON-BC856S Datasheet
58Kb / 6P
PNP Silicon AF Transistor Array
Nov-29-2001
logo
Diotec Semiconductor
BC856S DIOTEC-BC856S Datasheet
73Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
BC856S DIOTEC-BC856S Datasheet
108Kb / 2P
Surface Mount General Purpose Si-Epi-Planar Double-Transistors
More results


Similar Description - BC856S

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
KBPC50005W LUGUANG-KBPC50005W Datasheet
412Kb / 2P
Metal case for maximum heat dissipation
logo
Cooper Bussmann, Inc.
F412R-12LB COOPER-F412R-12LB Datasheet
78Kb / 2P
Low noise 14 dB Light weight (approx 20 g)
logo
Nanjing International G...
MCR100-3 DGNJDZ-MCR100-3 Datasheet
60Kb / 3P
TO-92 Plastic Package Weight approx. 0.19g
C1815 DGNJDZ-C1815 Datasheet
1Mb / 2P
Power dissipation
logo
Shenzhen Luguang Electr...
1N5333B LUGUANG-1N5333B Datasheet
3Mb / 5P
POWER DISSIPATION
logo
SHIKUES Electronics
2SD1624 SKTECHNOLGY-2SD1624 Datasheet
1Mb / 2P
Power dissipation, Plastic-Encapsulate Transistors
MMBD2838 SKTECHNOLGY-MMBD2838 Datasheet
383Kb / 2P
Power dissipation
MMBTA13 SKTECHNOLGY-MMBTA13 Datasheet
1Mb / 4P
Power dissipation
PZT2222A SKTECHNOLGY-PZT2222A Datasheet
1Mb / 4P
Power dissipation
S9013 SKTECHNOLGY-S9013 Datasheet
525Kb / 2P
Power dissipation
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com