Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

142-0761-881 Datasheet (PDF) - Renesas Technology Corp

142-0761-881 Datasheet PDF - Renesas Technology Corp
Part # 142-0761-881
Download  142-0761-881 Download
File Size   3347.74 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High Linearity Broadband SP2T 30MHz to 6GHz

142-0761-881 Datasheet (PDF)

Go To PDF Page Download Datasheet
142-0761-881 Datasheet PDF - Renesas Technology Corp

Part # 142-0761-881
Download  142-0761-881 Click to download

File Size   3347.74 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High Linearity Broadband SP2T 30MHz to 6GHz

142-0761-881 Datasheet (HTML) - Renesas Technology Corp




Similar Part No. - 142-0761-881

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
142-0761-881 EMERSON-NETWORKPOWER-142-0761-881 Datasheet
473Kb / 1P
HIGH FREQ END LAUNCH SMA JACK ASSEMBLY, PC MOUNT, 10 MIL PIN
logo
Renesas Technology Corp
142-0761-881 RENESAS-142-0761-881 Datasheet
5Mb / 25P
High Linearity Broadband SP2T 5MHz to 10GHz
142-0761-881 RENESAS-142-0761-881 Datasheet
4Mb / 25P
High Linearity Broadband SP2T 5MHz to 10GHz
More results


Similar Description - 142-0761-881

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3315 RFMD-RF3315_1 Datasheet
380Kb / 14P
BROADBAND HIGH LINEARITY AMPLIFIER
logo
AVAGO TECHNOLOGIES LIMI...
MGA-30789 AVAGO-MGA-30789 Datasheet
691Kb / 14P
2 - 6GHz High Linearity Gain Block
logo
Linear Technology
LTC5510 LINER-LTC5510_15 Datasheet
617Kb / 30P
1MHz to 6GHz Wideband High Linearity Active Mixer
logo
RF Micro Devices
RFHA3960 RFMD-RFHA3960 Datasheet
1Mb / 12P
Broadband Operation DC to 6GHz
logo
Integrated Device Techn...
F2972 IDT-F2972 Datasheet
3Mb / 24P
High Linearity Broadband SP2T 5MHz to 10GHz
F2976 IDT-F2976 Datasheet
3Mb / 24P
High Linearity Broadband SP2T 5MHz to 10GHz
F2977 IDT-F2977 Datasheet
3Mb / 18P
High Linearity Broadband SP2T 30MHz to 6GHz
logo
Linear Technology
LTC5510 LINER-LTC5510 Datasheet
617Kb / 30P
1MHz to 6GHz Wideband High Linearity Active Mixer
logo
Renesas Technology Corp
F2972 RENESAS-F2972 Datasheet
5Mb / 25P
High Linearity Broadband SP2T 5MHz to 10GHz
F2976 RENESAS-F2976 Datasheet
4Mb / 25P
High Linearity Broadband SP2T 5MHz to 10GHz
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com