Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MUR1620CT Datasheet (PDF) - SHIKUES Electronics

MUR1620CT Datasheet PDF - SHIKUES Electronics
Part # MUR1620CT
Download  MUR1620CT Download
File Size   1055.64 Kbytes
Page   3 Pages
Manufacturer  SKTECHNOLGY [SHIKUES Electronics]
Direct Link  http://www.shikues.com
Logo SKTECHNOLGY - SHIKUES Electronics
Description 16.0 A Switchmode Power Rectifiers

MUR1620CT Datasheet (PDF)

Go To PDF Page Download Datasheet
MUR1620CT Datasheet PDF - SHIKUES Electronics

Part # MUR1620CT
Download  MUR1620CT Click to download

File Size   1055.64 Kbytes
Page   3 Pages
Manufacturer  SKTECHNOLGY [SHIKUES Electronics]
Direct Link  http://www.shikues.com
Logo SKTECHNOLGY - SHIKUES Electronics
Description 16.0 A Switchmode Power Rectifiers

MUR1620CT Datasheet (HTML) - SHIKUES Electronics


MUR1620CT Product details

Features
• Ultrafast 35 and 60 Nanosecond Recovery times
• Popular TO-220 Package
• High temperature glass passivated junction
• High voltage capability to 600 volts
• Low leakage specified @ 150℃ case temperature
• Current derating @ both case and ambient temperatures

Mechanical data
• Case: TO-220AB
• Approx. Weight: 1.9g ( 0.067oz)




Similar Part No. - MUR1620CT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MUR1620CT MOTOROLA-MUR1620CT Datasheet
153Kb / 6P
ULTRAFAST RECTIFIERS 8 AMPERES 200-400-600 VOLTS
logo
Intersil Corporation
MUR1620CT INTERSIL-MUR1620CT Datasheet
52Kb / 5P
8A, 200V Ultrafast Dual Diodes
January 2000
logo
Micro Commercial Compon...
MUR1620CT MCC-MUR1620CT Datasheet
59Kb / 2P
16 Amp Super Fast Glass Pass ivated Rectifier 50 to 200 Volts
logo
ON Semiconductor
MUR1620CT ONSEMI-MUR1620CT Datasheet
108Kb / 8P
SWITCHMODE Power Rectifiers (ULTRAFAST RECTIFIERS 8.0 AMPERES 100-600 VOLTS)
October, 2000 ??Rev. 3
logo
Motorola, Inc
MUR1620CT MOTOROLA-MUR1620CT Datasheet
314Kb / 5P
ULTRAFAST RECTIFIERS
More results


Similar Description - MUR1620CT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR2060CT MOTOROLA-MBR2060CT Datasheet
87Kb / 4P
SWITCHMODE??Power Rectifiers
logo
ON Semiconductor
MUR1510 ONSEMI-MUR1510 Datasheet
98Kb / 8P
SWITCHMODE Power Rectifiers
October, 2000 ??Rev. 2
logo
List of Unclassifed Man...
MURF1640CT ETC-MURF1640CT Datasheet
65Kb / 2P
16.0 AMPS. Switchmode Power Rectifiers
logo
Taiwan Semiconductor Co...
MUR1620CT TSC-MUR1620CT Datasheet
113Kb / 2P
16.0 AMPS. Switchmode Power Rectifiers
MUR1620CT TSC-MUR1620CT_1 Datasheet
323Kb / 2P
16.0 AMPS. Switchmode Power Rectifiers
MURF1620CT TSC-MURF1620CT Datasheet
119Kb / 2P
16.0 AMPS. Switchmode Power Rectifiers
MURF1620CT TSC-MURF1620CT_1 Datasheet
316Kb / 2P
16.0 AMPS. Switchmode Power Rectifiers
logo
Shenzhen Taychipst Elec...
MURS480ET3G TAYCHIPST-MURS480ET3G Datasheet
8Mb / 2P
SWITCHMODE Power Rectifiers
logo
Shenzhen Yixinwei Techn...
MUR1620CT YIXIN-MUR1620CT Datasheet
368Kb / 2P
16.0 AMPS. Switchmode Power Rectifiers
logo
SHIKUES Electronics
MUR1620AT SKTECHNOLGY-MUR1620AT Datasheet
386Kb / 3P
16.0 A Switchmode Power Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com