Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TB1318A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TB1318A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TB1318A
Download  TB1318A Download
File Size   352.2 Kbytes
Page   7 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description 145MHz 0.125MHzBW SMD 7.0mm x 5.0mm SAW IF Filter

TB1318A Datasheet (PDF)

Go To PDF Page Download Datasheet
TB1318A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TB1318A
Download  TB1318A Click to download

File Size   352.2 Kbytes
Page   7 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description 145MHz 0.125MHzBW SMD 7.0mm x 5.0mm SAW IF Filter

TB1318A Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.




Similar Part No. - TB1318A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB1311A TAI-SAW-TB1311A Datasheet
370Kb / 7P
SAW Filter 230MHz 20MHz BW (SMD 5.0횞5.0 mm)
logo
Toshiba Semiconductor
TB1311AFG TOSHIBA-TB1311AFG Datasheet
1Mb / 46P
Audio SW, Video SW, Sync Separation and H/V Frequency Counter IC for TVs
TB1311AFG TOSHIBA-TB1311AFG Datasheet
948Kb / 46P
Audio SW, Video SW, Sync Separation and H/V Frequency Counter IC for TVs
TB1311AFG TOSHIBA-TB1311AFG_06 Datasheet
948Kb / 46P
Audio SW, Video SW, Sync Separation and H/V Frequency Counter IC for TVs
logo
TAI-SAW TECHNOLOGY CO.,...
TB1312A TAI-SAW-TB1312A Datasheet
388Kb / 7P
234.5MHz 160kHz BW SMD 7.0 x 5.0 mm SAW IF Filter
More results


Similar Description - TB1318A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB0790A TAI-SAW-TB0790A Datasheet
311Kb / 7P
SAW Filter 145MHz 0.05MHz BW (SMD 13.3횞6.5 mm)
logo
Oscilent Corporation
813-IF145.0M-16B OSCILENT-813-IF145.0M-16B Datasheet
214Kb / 6P
145MHz IF SAW Filter 15.88MHz Bandwidth
813-IF145.0M-26B OSCILENT-813-IF145.0M-26B Datasheet
216Kb / 6P
145MHz IF SAW Filter 26.0MHz Bandwidth
logo
Golledge Electronics Lt...
MP02864 GOLLEDGE-MP02864 Datasheet
83Kb / 6P
SAW Filter 145MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TB0526AA9017 TAI-SAW-TB0526AA9017 Datasheet
424Kb / 7P
85.38MHz 1.0MHzBW SMD 9.1mm x 4.8mm SAW IF Filter
TB1222A TAI-SAW-TB1222A Datasheet
221Kb / 8P
161MHz 22MHzBW SMD 5.0mm x 5.0mm SAW IF Filter
TB1286A TAI-SAW-TB1286A Datasheet
333Kb / 7P
145MHz 41.9MHzBW SMD 5.0mm x 5.0mm SAW IF Filter
TB1365A TAI-SAW-TB1365A Datasheet
404Kb / 7P
312.5MHz 100MHzBW SMD 5.0mm x 5.0mm SAW IF Filter
TB1376A TAI-SAW-TB1376A Datasheet
376Kb / 7P
550MHz 90MHzBW SMD 5.0mm x 5.0mm SAW IF Filter
TB1400AA5112 TAI-SAW-TB1400AA5112 Datasheet
255Kb / 8P
562.5MHz 100MHzBW SMD 5.0mm x 5.0mm SAW IF Filter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com