Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SRBL-C4A1A Datasheet (PDF) - Bel Fuse Inc.

SRBL-C4A1A Datasheet PDF - Bel Fuse Inc.
Part # SRBL-C4A1A
Download  SRBL-C4A1A Download
File Size   478.8 Kbytes
Page   12 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description 4-Phase Output, 0.6 ??3.3 VDC / 35 A per phase

SRBL-C4A1A Datasheet (PDF)

Go To PDF Page Download Datasheet
SRBL-C4A1A Datasheet PDF - Bel Fuse Inc.

Part # SRBL-C4A1A
Download  SRBL-C4A1A Click to download

File Size   478.8 Kbytes
Page   12 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description 4-Phase Output, 0.6 ??3.3 VDC / 35 A per phase

SRBL-C4A1A Datasheet (HTML) - Bel Fuse Inc.




Similar Part No. - SRBL-C4A1A

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SRBL-C0A1A BEL-SRBL-C0A1A Datasheet
513Kb / 8P
Output Voltage Range 0.6-3.3 VDC / 100 A
More results


Similar Description - SRBL-C4A1A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
40TPS16 VISHAY-40TPS16 Datasheet
140Kb / 7P
Phase Control SCR, 35 A
12-Sep-08
40TPS16PBF VISHAY-40TPS16PBF Datasheet
140Kb / 7P
Phase Control SCR, 35 A
06-Jun-08
40TPS12A VISHAY-40TPS12A Datasheet
145Kb / 7P
Phase Control SCR, 35 A
12-Sep-08
logo
Bel Fuse Inc.
VRP3-60E1A0 BEL-VRP3-60E1A0_10 Datasheet
742Kb / 11P
5 Vdc - 13.8 Vdc Input 0.6 Vdc - 5.0 Vdc/60 A Output
SLIN-12F1AX BEL-SLIN-12F1AX Datasheet
439Kb / 26P
2.4 Vdc - 5.5 Vdc Input, 0.6 Vdc - 3.63 Vdc /12 A Output
SLIN-12F2AX BEL-SLIN-12F2AX Datasheet
430Kb / 25P
2.4 Vdc - 5.5 Vdc Input, 0.6 Vdc - 3.63 Vdc /12 A Output
SLIN-20F1AX BEL-SLIN-20F1AX Datasheet
407Kb / 26P
2.4 Vdc - 5.5 Vdc Input, 0.6 Vdc - 3.63 Vdc /20 A Output
SRBL-C0A1A BEL-SRBL-C0A1A Datasheet
513Kb / 8P
Output Voltage Range 0.6-3.3 VDC / 100 A
SRPE-12E1A0 BEL-SRPE-12E1A0 Datasheet
696Kb / 13P
0.6 ??5.5 VDC / 12 A Output
VRNE-60ED BEL-VRNE-60ED Datasheet
639Kb / 11P
6 VDC ??13.8 VDC Input 0.6 VDC ??2.0 VDC /30 A Output
More results




About Bel Fuse Inc.


Bel Fuse Inc is a multinational electronics company that specializes in the design and manufacture of a wide range of products, including circuit protection solutions, magnetic components, power solutions, and connectivity solutions.

The company was founded in 1949 and has its headquarters in Jersey City, New Jersey.

Bel Fuse operates globally, serving customers in industries such as telecommunications, data storage, aerospace, and industrial electronics, among others.

The company is known for its high-quality products and innovative technology, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com