Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M62492FP Datasheet (PDF) - Mitsubishi Electric Semiconductor

M62492FP Datasheet PDF - Mitsubishi Electric Semiconductor
Part # M62492FP
Download  M62492FP Download
File Size   440.25 Kbytes
Page   23 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description DIGITAL SOUND CONTROLLER WITH SURROUND

M62492FP Datasheet (PDF)

Go To PDF Page Download Datasheet
M62492FP Datasheet PDF - Mitsubishi Electric Semiconductor

Part # M62492FP
Download  M62492FP Click to download

File Size   440.25 Kbytes
Page   23 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description DIGITAL SOUND CONTROLLER WITH SURROUND

M62492FP Datasheet (HTML) - Mitsubishi Electric Semiconductor


M62492FP Product details

DESCRIPTION
The M62492FP is an optimum digital sound controller IC for home audio.
It has a 5ch input selector,input trimmer,surround(3 variation),tone control(3 band) and master volume.
It can control all of these functions with serial data.
The IC is also available for Dolby Pro-logic Surround, because it has independent 4ch volume.

FEATURES
● Built-in 5ch input selector
● Built-in input volume
● Built-in Surround(ON / OFF,High / Middle / Low(3 variation))
● Electric volume(A and B volume)
● Volume level ---- 0dB to -79dB,- dB(1dB / step)
● Tone control
   Bass / Mid / Treble,0dB to ±10dB(2dB / step)
   Bass boost +10dB(ON / OFF)
● 3 Output ports
● Built-in microcomputer interface controlled by 16-bit serial data.




Similar Part No. - M62492FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62490FP MITSUBISHI-M62490FP Datasheet
97Kb / 10P
ELECTRIC VOLUME CONTROL WITH TONE CONTROLLER FOR 4-SPEAKER APPLICATIONS
logo
Renesas Technology Corp
M62490FP RENESAS-M62490FP Datasheet
123Kb / 11P
Electric Volume Control with Tone Controller for 4-Speaker Applications
logo
Mitsubishi Electric Sem...
M62493FP MITSUBISHI-M62493FP Datasheet
578Kb / 18P
DIGITAL SOUND CONTROLLER
M62494FP MITSUBISHI-M62494FP Datasheet
90Kb / 7P
SRS 3D Stereo SRS 3D Mono 1Chip
M62494SFP MITSUBISHI-M62494SFP Datasheet
77Kb / 7P
SOUND CONTROLLER FOR TV
More results


Similar Description - M62492FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M61504FP MITSUBISHI-M61504FP Datasheet
195Kb / 17P
DIGITAL SOUND CONTROLLER WITH SURROUND
M62436FP MITSUBISHI-M62436FP Datasheet
136Kb / 10P
SOUND CONTROLLER WITH SRS FOCUS & SRS SURROUND
M62437FP MITSUBISHI-M62437FP Datasheet
220Kb / 12P
SOUND CONTROLLER WITH SRS FOCUS & SRS SURROUND
M62498FP MITSUBISHI-M62498FP Datasheet
191Kb / 17P
DIGITAL SOUND CONTROLLER WITH SURROUND
M62498AFP MITSUBISHI-M62498AFP Datasheet
272Kb / 17P
DIGITAL SOUND CONTROLLER WITH SURROUND
logo
Renesas Technology Corp
R2S15903SP RENESAS-R2S15903SP Datasheet
303Kb / 12P
Sound Controller with Surround and AGC
M62437FP RENESAS-M62437FP Datasheet
166Kb / 12P
Sound Controller With SRS Focus & SRS Surround
M61504FP RENESAS-M61504FP Datasheet
6Mb / 18P
DIGTAL SOUND CONTROLLER WIHT SURROUND
M61510FP RENESAS-M61510FP Datasheet
7Mb / 19P
DIGTAL SOUND CONTROLLER WIHT SURROUND
M62436FP RENESAS-M62436FP Datasheet
155Kb / 12P
SRS Sound Controller with SRS FOCUS, SRS Surround Sound On-Chip Sound Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com