Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2680150000 Datasheet (PDF) - Weidmuller

2680150000 Datasheet PDF - Weidmuller
Part # 2680150000
Download  2680150000 Download
File Size   544.67 Kbytes
Page   3 Pages
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller
Description Primary current: 1000 A, Secondary current max.: 5 A, Load: 5 VA

2680150000 Datasheet (PDF)

Go To PDF Page Download Datasheet
2680150000 Datasheet PDF - Weidmuller

Part # 2680150000
Download  2680150000 Click to download

File Size   544.67 Kbytes
Page   3 Pages
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller
Description Primary current: 1000 A, Secondary current max.: 5 A, Load: 5 VA

2680150000 Datasheet (HTML) - Weidmuller




Similar Part No. - 2680150000

ManufacturerPart #DatasheetDescription
logo
Littelfuse
26801.5V LITTELFUSE-26801.5V Datasheet
87Kb / 1P
MICRO FUSE Very Fast-Acting Type 262/268/269 Series
logo
Weidmuller
2680160000 WEIDMULLER-2680160000 Datasheet
528Kb / 3P
Primary current: 1250 A, Secondary current max.: 5 A, Load: 5 VA
November 4, 2021
2680170000 WEIDMULLER-2680170000 Datasheet
536Kb / 3P
Primary current: 1500 A, Secondary current max.: 5 A, Load: 5 VA
November 4, 2021
2680180000 WEIDMULLER-2680180000 Datasheet
530Kb / 3P
Primary current: 2000 A, Secondary current max.: 5 A, Load: 10 VA
November 4, 2021
2680190000 WEIDMULLER-2680190000 Datasheet
454Kb / 3P
Primary current: 2500 A, Secondary current max.: 5 A, Load: 10 VA
November 4, 2021
More results


Similar Description - 2680150000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
2421030000 WEIDMULLER-2421030000 Datasheet
868Kb / 3P
Primary current: 150 A, Secondary current max.: 5 A, Load: 2.5 VA
2680160000 WEIDMULLER-2680160000 Datasheet
528Kb / 3P
Primary current: 1250 A, Secondary current max.: 5 A, Load: 5 VA
November 4, 2021
2680170000 WEIDMULLER-2680170000 Datasheet
536Kb / 3P
Primary current: 1500 A, Secondary current max.: 5 A, Load: 5 VA
November 4, 2021
2680180000 WEIDMULLER-2680180000 Datasheet
530Kb / 3P
Primary current: 2000 A, Secondary current max.: 5 A, Load: 10 VA
November 4, 2021
2680190000 WEIDMULLER-2680190000 Datasheet
454Kb / 3P
Primary current: 2500 A, Secondary current max.: 5 A, Load: 10 VA
November 4, 2021
2680200000 WEIDMULLER-2680200000 Datasheet
542Kb / 3P
Primary current: 125 A, Secondary current max.: 5 A, Load: 2.5 VA
November 4, 2021
2680210000 WEIDMULLER-2680210000 Datasheet
544Kb / 3P
Primary current: 1000 A, Secondary current max.: 5 A, Load: 5 VA
November 4, 2021
2680220000 WEIDMULLER-2680220000 Datasheet
531Kb / 3P
Primary current: 1250 A, Secondary current max.: 5 A, Load: 5 VA
November 4, 2021
2680230000 WEIDMULLER-2680230000 Datasheet
535Kb / 3P
Primary current: 1500 A, Secondary current max.: 5 A, Load: 5 VA
November 4, 2021
2680250000 WEIDMULLER-2680250000 Datasheet
452Kb / 3P
Primary current: 2500 A, Secondary current max.: 5 A, Load: 10 VA
November 4, 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com