| Manufacturer | Part # | Datasheet | Description |
 Schneider Electric |
XCMN2102L6
|
131Kb / 6P |
limit switch XCMN - steel roller plunger - 1NC 1NO - snap - 6 m
NOV 30, 2021 |
|
XCMN2102L8
|
127Kb / 6P |
limit switch XCMN - steel roller plunger - 1NC 1NO - snap - 8 m
Jan 6, 2021 |
|
XCMN2102L9
|
127Kb / 6P |
limit switch XCMN - steel roller plunger - 1NC 1NO - snap - 9 m
Jan 6, 2021 |
|
XCMN2103L2
|
121Kb / 6P |
limit switch XCMN - steel roller plunger - 1NC 1NO - snap - 2 m
Jan 6, 2021 |
|
XCMN2103L5
|
121Kb / 6P |
limit switch XCMN - steel roller plunger - 1NC 1NO - snap - 5 m
Jan 6, 2021 |
|
XCMN2107L2
|
128Kb / 6P |
limit switch XCMN - metal end plunger - 1NC 1NO - snap - 2 m
NOV 30, 2021 |
|
XCMN2110L2
|
118Kb / 6P |
limit switch XCMN - metal end plunger - 1NC 1NO - snap - 2 m
Jan 6, 2021 |
|
ZCP21M12
|
90Kb / 2P |
limit switch body ZCP - compact - 1NC1NO - snap action - M12 4P
Aug 10, 2019 |
|
XCKM115
|
92Kb / 2P |
limit switch XCKM - thermoplastic roller lever - 1NC1NO - snap action - Pg11
Feb 28, 2019 |
|
ZCKSD31
|
147Kb / 3P |
Limit switch body, Limit switches XC Standard, ZCKS, 1NC2 NO, snap action, Pg13.5
Jan 13, 2022 |