| Manufacturer | Part # | Datasheet | Description |
 Molex Electronics Ltd. |
130112-0169
|
37Kb / 1P |
Clear Polycarbonate Guard
|
|
130112-0172
|
30Kb / 1P |
Clear Polycarbonate Guard with Bottom Cover
|
|
130112-0173
|
29Kb / 1P |
Clear Polycarbonate Guard
|
|
1301120172
|
30Kb / 1P |
Clear Polycarbonate Guard with Bottom Cover
|
|
1301120173
|
29Kb / 1P |
Clear Polycarbonate Guard
|
 Schneider Electric |
ZBP014
|
162Kb / 2P |
Harmony XB4, Harmony XB5, red boot for circular flush pushbutton 횠22 mm
Nov 8, 2021 |
|
9001K3L1AH13
|
176Kb / 6P |
amber illuminated pushbutton 횠 30 - spring return metallic guard
Dec 13, 2021 |
|
9001KU27
|
145Kb / 2P |
30MM CLEAR BOOT FOR PILOT LIGHT
Jan 6, 2022 |
|
9001KU6
|
118Kb / 2P |
30 mm yellow boot for non-illuminate pushbutton
Jan 6, 2022 |
|
9001SK1L1C
|
77Kb / 2P |
clear illum pushbutton 횠 30 - flush spring return full guard - 110/120 V AC
Jan 12, 2022 |