| Manufacturer | Part # | Datasheet | Description |
 PHOENIX CONTACT |
2200944
|
43Kb / 2P |
Panel mounting base, Front plate, Color: aluminum, Width: 60 mm, Constructional height: 2 mm
|
 Schneider Electric |
K150B001UP
|
152Kb / 10P |
cam changeover switch - 1-pole - 60째 - 150 A - front mounting
Feb 3, 2022 |
|
KZ62
|
92Kb / 2P |
IP 65 seal for 60 x 60 mm front plate and front mounting cam switch - set of 5
Feb 10, 2022 |
|
KZ65
|
155Kb / 2P |
IP 65 seal for 45 x 45 mm front plate and front mounting cam switch - set of 5
Feb 10, 2022 |
|
KZ81
|
134Kb / 2P |
TeSys Mini-VARIO and VARIO - mounting plate for handle - set of 5
Feb 10, 2022 |
|
KZ83
|
162Kb / 2P |
TeSys VARIO - mounting plate for handle - set of 5
Feb 10, 2022 |
|
KZ106
|
144Kb / 2P |
adaptor plate 90 x 90 mm for door mounting of handle - set of 5
Feb 10, 2022 |
 FIBOX Enclosing innovat... |
7720102
|
43Kb / 1P |
Frame of PC front plate, for enclosures:
19.01.2023 |
|
7720111
|
43Kb / 1P |
Frame of PC front plate, for enclosures:
19.01.2023 |
|
7720112
|
43Kb / 1P |
Frame of PC front plate, for enclosures:
19.01.2023 |