Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

XBTZ945 Datasheet (PDF) - Schneider Electric

XBTZ945 Datasheet PDF - Schneider Electric
Part # XBTZ945
Download  XBTZ945 Download
File Size   85.13 Kbytes
Page   1 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Magelis XBT - RS232C serial printer PC link - 2.5 m - for small terminal

XBTZ945 Datasheet (PDF)

Go To PDF Page Download Datasheet
XBTZ945 Datasheet PDF - Schneider Electric

Part # XBTZ945
Download  XBTZ945 Click to download

File Size   85.13 Kbytes
Page   1 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Magelis XBT - RS232C serial printer PC link - 2.5 m - for small terminal

XBTZ945 Datasheet (HTML) - Schneider Electric




Similar Part No. - XBTZ945

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XBTZ9018 SCHNEIDER-XBTZ9018 Datasheet
122Kb / 2P
RS485 cabel for Shneider Electric PLC Twido/Micro/Premium, HMI Sub-D9 to PLC Mini-Din8
Apr 27, 2022
XBTZ908 SCHNEIDER-XBTZ908 Datasheet
109Kb / 2P
Uni-Telway/Modbus serial link - L = 1.8 m - 1 female SUB-D 15 1 SUB-D 25
May 2, 2022
XBTZ915 SCHNEIDER-XBTZ915 Datasheet
122Kb / 2P
Harmony XBT - RS232C serial printer PC link - 2.5 m
Apr 27, 2022
XBTZ918 SCHNEIDER-XBTZ918 Datasheet
106Kb / 2P
Uni-Telway connecting cable - L = 2.5m - 2 male SUB-D 25
May 2, 2022
XBTZ9710 SCHNEIDER-XBTZ9710 Datasheet
136Kb / 2P
Modbus serial link - L = 2.5 m - 1 female SUB-D 9 1 male SUB-D 25
May 2, 2022
More results


Similar Description - XBTZ945

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XBTZ9980 SCHNEIDER-XBTZ9980 Datasheet
81Kb / 2P
Modbus serial link for XBT terminal - L = 2.5 m - 2 males RJ45
Aug 10, 2019
XBTZG9731 SCHNEIDER-XBTZG9731 Datasheet
112Kb / 2P
Magelis XBT - direct connection cable - for XBTGK, XBTGT, XBTOT - 5 m
Aug 10, 2019
XBTZGCO3 SCHNEIDER-XBTZGCO3 Datasheet
73Kb / 1P
Magelis XBT - mechanical adaptor for substituting XBTF034.10 by XBTGT53.0
Aug 11, 2019
XBTZ915 SCHNEIDER-XBTZ915 Datasheet
122Kb / 2P
Harmony XBT - RS232C serial printer PC link - 2.5 m
Apr 27, 2022
XBTZ9715 SCHNEIDER-XBTZ9715 Datasheet
96Kb / 2P
direct connection cable for XBT terminal - L = 2.5 m - 1 HE-13
Apr 27, 2022
XBTZ9982 SCHNEIDER-XBTZ9982 Datasheet
93Kb / 2P
Modbus serial link for XBT terminal - L = 10 m - 2 males RJ45
May 2, 2022
XBTZG909 SCHNEIDER-XBTZG909 Datasheet
114Kb / 2P
Harmony XBT - adaptor for terminal XBT advanced panel
Apr 27, 2022
XBTZG919 SCHNEIDER-XBTZG919 Datasheet
95Kb / 2P
Harmony XBT - adaptor for terminal XBT advanced panel
May 2, 2022
XBTZG939 SCHNEIDER-XBTZG939 Datasheet
95Kb / 2P
Harmony XBT - adaptor for terminal XBT small and advanced panel
May 2, 2022
XBTZGI485 SCHNEIDER-XBTZGI485 Datasheet
121Kb / 2P
Harmony XBT - serial link isolation unit with USB hub
Apr 27, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com