Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VW3A8306 Datasheet (PDF) - Schneider Electric

VW3A8306 Datasheet PDF - Schneider Electric
Part # VW3A8306
Download  VW3A8306 Download
File Size   115.77 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description cable for Modbus serial link - 1 RJ45 - 1 SUB-D 15 - 3 m

VW3A8306 Datasheet (PDF)

Go To PDF Page Download Datasheet
VW3A8306 Datasheet PDF - Schneider Electric

Part # VW3A8306
Download  VW3A8306 Click to download

File Size   115.77 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description cable for Modbus serial link - 1 RJ45 - 1 SUB-D 15 - 3 m

VW3A8306 Datasheet (HTML) - Schneider Electric




Similar Part No. - VW3A8306

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
VW3A8306R SCHNEIDER-VW3A8306R Datasheet
137Kb / 2P
Modbus line terminator - 150 Ohm - for RJ45 connector
May 10, 2022
VW3A8306R03 SCHNEIDER-VW3A8306R03 Datasheet
87Kb / 2P
cable for Modbus serial link - 2 x RJ45 - cable 0.3 m
Apr 20, 2022
VW3A8306R03 SCHNEIDER-VW3A8306R03 Datasheet
10Mb / 48P
Variable speed drives Altivar Machine
March 2017 - V4.0
VW3A8306R10 SCHNEIDER-VW3A8306R10 Datasheet
87Kb / 2P
cable for Modbus serial link - 2 x RJ45 - cable 1 m
Apr 19, 2022
VW3A8306R10 SCHNEIDER-VW3A8306R10 Datasheet
10Mb / 48P
Variable speed drives Altivar Machine
March 2017 - V4.0
More results


Similar Description - VW3A8306

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XBTZ9711 SCHNEIDER-XBTZ9711 Datasheet
68Kb / 1P
Modbus serial link - L = 2.5 m - 1 male RJ45 1 male SUB-D 25
Aug 10, 2019
XBTZ9980 SCHNEIDER-XBTZ9980 Datasheet
81Kb / 2P
Modbus serial link for XBT terminal - L = 2.5 m - 2 males RJ45
Aug 10, 2019
VW3A8306R03 SCHNEIDER-VW3A8306R03 Datasheet
87Kb / 2P
cable for Modbus serial link - 2 x RJ45 - cable 0.3 m
Apr 20, 2022
VW3A8306R10 SCHNEIDER-VW3A8306R10 Datasheet
87Kb / 2P
cable for Modbus serial link - 2 x RJ45 - cable 1 m
Apr 19, 2022
VW3A8306R30 SCHNEIDER-VW3A8306R30 Datasheet
87Kb / 2P
cable for Modbus serial link - 2 x RJ45 - cable 3 m
Apr 20, 2022
XBTZ908 SCHNEIDER-XBTZ908 Datasheet
109Kb / 2P
Uni-Telway/Modbus serial link - L = 1.8 m - 1 female SUB-D 15 1 SUB-D 25
May 2, 2022
XBTZ9710 SCHNEIDER-XBTZ9710 Datasheet
136Kb / 2P
Modbus serial link - L = 2.5 m - 1 female SUB-D 9 1 male SUB-D 25
May 2, 2022
XBTZ9780 SCHNEIDER-XBTZ9780 Datasheet
107Kb / 2P
Uni-Telway/Modbus serial link - L = 2.5 m - 1 male mini DIN 1 RJ45
May 2, 2022
XBTZ9782 SCHNEIDER-XBTZ9782 Datasheet
106Kb / 2P
Uni-Telway/Modbus serial link - L = 10 m - 1 male mini DIN 1 RJ45
May 2, 2022
XBTZ9982 SCHNEIDER-XBTZ9982 Datasheet
93Kb / 2P
Modbus serial link for XBT terminal - L = 10 m - 2 males RJ45
May 2, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com