Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

P40A24S3P3 Datasheet (PDF) - HY-LINE Power Components

P40A24S3P3 Datasheet PDF - HY-LINE Power Components
Part # P40A24S3P3
Download  P40A24S3P3 Download
File Size   152.48 Kbytes
Page   2 Pages
Manufacturer  HY-LINE [HY-LINE Power Components]
Direct Link  https://www.hy-line-group.com
Logo HY-LINE - HY-LINE Power Components
Description 40W DC-DC Converter P40A-Series

P40A24S3P3 Datasheet (PDF)

Go To PDF Page Download Datasheet
P40A24S3P3 Datasheet PDF - HY-LINE Power Components

Part # P40A24S3P3
Download  P40A24S3P3 Click to download

File Size   152.48 Kbytes
Page   2 Pages
Manufacturer  HY-LINE [HY-LINE Power Components]
Direct Link  https://www.hy-line-group.com
Logo HY-LINE - HY-LINE Power Components
Description 40W DC-DC Converter P40A-Series

P40A24S3P3 Datasheet (HTML) - HY-LINE Power Components


P40A24S3P3 Product details

● Offer single, dual and triple output
● 40 W Output power
● 2:1 Wide input voltage range
● International safety standard approval
● Six-Sided continuous shield
● High efficiency up to 90%
● Standard 2" X 2" X 0.4" package
● Fixed switching frequency




Similar Part No. - P40A24S3P3

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
P40A MEANWELL-P40A Datasheet
165Kb / 2P
15~40WAC-DC Single Output Desktop
P40A-0P2J MEANWELL-P40A-0P2J Datasheet
165Kb / 2P
15~40WAC-DC Single Output Desktop
P40A-1-1P2J MEANWELL-P40A-1-1P2J Datasheet
165Kb / 2P
15~40WAC-DC Single Output Desktop
P40A-1P2J MEANWELL-P40A-1P2J Datasheet
165Kb / 2P
15~40WAC-DC Single Output Desktop
P40A-2P2J MEANWELL-P40A-2P2J Datasheet
165Kb / 2P
15~40WAC-DC Single Output Desktop
More results


Similar Description - P40A24S3P3

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MKW40 MINMAX-MKW40 Datasheet
456Kb / 9P
DC/DC CONVERTER 40W, Highest Power Density
logo
MORNSUN Science& Techno...
LH40-10B03 MORNSUN-LH40-10B03_15 Datasheet
428Kb / 7P
40W, AC/DC converter
logo
Delta Electronics, Inc.
S24SP05008 DELTA-S24SP05008 Datasheet
628Kb / 6P
40W Single Output DC/DC Converter
S24SP12004 DELTA-S24SP12004 Datasheet
636Kb / 6P
40W Single Output DC/DC Converter
S24SP15003 DELTA-S24SP15003 Datasheet
668Kb / 6P
40W Single Output DC/DC Converter
S24SP24002 DELTA-S24SP24002 Datasheet
655Kb / 6P
40W Single Output DC/DC Converter
logo
MORNSUN Science& Techno...
LHE40-20B03 MORNSUN-LHE40-20B03 Datasheet
1Mb / 6P
40W, AC/DC converter
LH40-13B12 MORNSUN-LH40-13B12 Datasheet
917Kb / 5P
40W, AC/DC converter
LH40-10D0524-12 MORNSUN-LH40-10D0524-12 Datasheet
667Kb / 3P
40W, AC/DC converter
logo
HY-LINE Power Component...
P40C123R3S HY-LINE-P40C123R3S Datasheet
356Kb / 5P
40W DC-DC Converter P40C-Series
Rev: 01.14 f
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com