Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

418117270905 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

418117270905 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 418117270905
Download  418117270905 Download
File Size   480.93 Kbytes
Page   6 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WS-DITV Compact THT Dip Switch

418117270905 Datasheet (PDF)

Go To PDF Page Download Datasheet
418117270905 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 418117270905
Download  418117270905 Click to download

File Size   480.93 Kbytes
Page   6 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WS-DITV Compact THT Dip Switch

418117270905 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


418117270905 Product details

General:
• This mechanical component is designed and manufactured for use in general electronic equipment.
• Würth Elektronik must be asked for written approval (following the PPAP procedure) before incorporating the components into any
equipment in fields such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control,
ship control), transportation signal, disaster prevention, medical, public information network, etc. where higher safety and reliability are
especially required and/or if there is the possibility of direct damage or human injury.
• Mechanical components that will be used in safety-critical or high-reliability applications, should be pre-evaluated by the customer.
• The component is designed and manufactured to be used within the datasheet specified values. If the usage and operation conditions
specified in the datasheet are not met, the component may be damaged or dissolved.
• Do not drop or impact the components, the component may be damaged.
• Prevent any damage or scratches on the switch, especially on the actuator.
• Würth Elektronik products are qualified according to international standards, which are listed in each product reliability report. Würth
Elektronik does not warrant any customer qualified product characteristics beyond Würth Elektroniks’ specifications, for its validity and
sustainability over time.
• The responsibility for the applicability of the customer specific products and use in a particular customer design is always within the
authority of the customer. All technical specifications for standard products also apply to customer specific products.
General Information:
Operating Temperature -40 up to +85 °C
Storage Conditions (in original
packaging) < 40 °C ; < 75 % RH
Moisture Sensitivity Level (MSL) 1




Similar Part No. - 418117270905

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
418117270901 WURTH-418117270901 Datasheet
480Kb / 6P
WS-DITV Compact THT Dip Switch
002.001
418117270902 WURTH-418117270902 Datasheet
479Kb / 6P
WS-DITV Compact THT Dip Switch
002.001
418117270903 WURTH-418117270903 Datasheet
480Kb / 6P
WS-DITV Compact THT Dip Switch
002.001
418117270904 WURTH-418117270904 Datasheet
479Kb / 6P
WS-DITV Compact THT Dip Switch
002.001
418117270906 WURTH-418117270906 Datasheet
480Kb / 6P
WS-DITV Compact THT Dip Switch
002.001
More results


Similar Description - 418117270905

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
418117170903 WURTH-418117170903 Datasheet
427Kb / 6P
WS-DITV Compact THT Dip Switch
001.001
418117170905 WURTH-418117170905 Datasheet
427Kb / 6P
WS-DITV Compact THT Dip Switch
001.001
418117170908 WURTH-418117170908 Datasheet
427Kb / 6P
WS-DITV Compact THT Dip Switch
001.001
418117170912 WURTH-418117170912 Datasheet
427Kb / 6P
WS-DITV Compact THT Dip Switch
001.001
418117270901 WURTH-418117270901 Datasheet
480Kb / 6P
WS-DITV Compact THT Dip Switch
002.001
418117270902 WURTH-418117270902 Datasheet
479Kb / 6P
WS-DITV Compact THT Dip Switch
002.001
418117270904 WURTH-418117270904 Datasheet
479Kb / 6P
WS-DITV Compact THT Dip Switch
002.001
418117270906 WURTH-418117270906 Datasheet
480Kb / 6P
WS-DITV Compact THT Dip Switch
002.001
418117270909 WURTH-418117270909 Datasheet
480Kb / 6P
WS-DITV Compact THT Dip Switch
002.001
418117270910 WURTH-418117270910 Datasheet
479Kb / 6P
WS-DITV Compact THT Dip Switch
002.001
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com