Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AZ2025-04R Datasheet (PDF) - AMAZING Microelectronic Corp.

AZ2025-04R Datasheet PDF - AMAZING Microelectronic Corp.
Part # AZ2025-04R
Download  AZ2025-04R Download
File Size   186.86 Kbytes
Page   7 Pages
Manufacturer  AMAZING [AMAZING Microelectronic Corp.]
Direct Link  https://www.amazingic.com/en
Logo AMAZING - AMAZING Microelectronic Corp.
Description Transient Voltage Suppressing Device For ESD/Transient Protection

AZ2025-04R Datasheet (PDF)

Go To PDF Page Download Datasheet
AZ2025-04R Datasheet PDF - AMAZING Microelectronic Corp.

Part # AZ2025-04R
Download  AZ2025-04R Click to download

File Size   186.86 Kbytes
Page   7 Pages
Manufacturer  AMAZING [AMAZING Microelectronic Corp.]
Direct Link  https://www.amazingic.com/en
Logo AMAZING - AMAZING Microelectronic Corp.
Description Transient Voltage Suppressing Device For ESD/Transient Protection

AZ2025-04R Datasheet (HTML) - AMAZING Microelectronic Corp.


AZ2025-04R Product details

Features
 ESD Protect for 4 Lines with Bi-directional
 Provide ESD protection for the protected line to
IEC 61000-4-2 (ESD) ±17kV (air), ±12kV (contact)
IEC 61000-4-4 (EFT) 40A (5/50ns)
Cable Discharge Event (CDE)
 Small SOT563 package saves board space
 Protect four I/O lines or four power lines
 Fast turn-on and Low clamping voltage
 Low operating voltage: 5V and below
 Solid-state silicon-avalanche and active circuit
triggering technology
 Green part available
Applications
 Audio Interfaces Protection
 Computer Interfaces Protection
 Microprocessors Protection
 Serial and Parallel Ports Protection
 Control Signal Lines Protection
 Power lines on PCB Protection
 Latchup Protection
Description
AZ2025-04R is a design which includes four
bi-directional ESD rated clamping cells to protect
four power lines, or four control lines, or four low
speed data lines in an electronic systems. The
AZ2025-04R has been specifically designed to
protect sensitive components which are
connected to power and control lines from
over-voltage damage and latch-up caused by
Electrostatic Discharging (ESD), Electrical Fast
Transients (EFT), and Cable Discharge Event
(CDE).
AZ2025-04R is a unique design which includes
proprietary clamping cells in a single package.
During transient conditions, the proprietary
clamping cells prevent over-voltage on the power
lines or control/data lines, protecting any
downstream components.
AZ2025-04R is bi-directional and may be used
on lines where the signal swings above and
below ground.
AZ2025-04R may be used to meet the ESD
immunity requirements of IEC 61000-4-2, Level 4
(±15kV air, ±8kV contact discharge).




Similar Part No. - AZ2025-04R

ManufacturerPart #DatasheetDescription
logo
AMAZING Microelectronic...
AZ2025-04S AMAZING-AZ2025-04S Datasheet
201Kb / 7P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2011/06/18
AZ2025-04S.R7G AMAZING-AZ2025-04S.R7G Datasheet
201Kb / 7P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2011/06/18
More results


Similar Description - AZ2025-04R

ManufacturerPart #DatasheetDescription
logo
AMAZING Microelectronic...
AZ2015-05R AMAZING-AZ2015-05R Datasheet
136Kb / 7P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2016/08/22
AZ2025-04S AMAZING-AZ2025-04S Datasheet
201Kb / 7P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2011/06/18
AZ2215-01L AMAZING-AZ2215-01L Datasheet
164Kb / 8P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2011/06/18
AZ2225-01L AMAZING-AZ2225-01L Datasheet
213Kb / 7P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2011/06/18
AZ4007-02S AMAZING-AZ4007-02S Datasheet
237Kb / 8P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2011/07/28
AZ4012-01H AMAZING-AZ4012-01H Datasheet
991Kb / 7P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2013/07/08
AZ4012-01L AMAZING-AZ4012-01L Datasheet
145Kb / 8P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2011/11/10
AZ5013-01H AMAZING-AZ5013-01H Datasheet
145Kb / 7P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2011/07/30
AZ9424-01F AMAZING-AZ9424-01F Datasheet
114Kb / 6P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2015/12/07
AZ9525-01H AMAZING-AZ9525-01H Datasheet
129Kb / 6P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2015/05/27
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com