Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2202626 Datasheet (PDF) - PHOENIX CONTACT

2202626 Datasheet PDF - PHOENIX CONTACT
Part # 2202626
Download  2202626 Download
File Size   109.13 Kbytes
Page   4 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Housing cover - ME-IO 18,8 LC 10U 7035

2202626 Datasheet (PDF)

Go To PDF Page Download Datasheet
2202626 Datasheet PDF - PHOENIX CONTACT

Part # 2202626
Download  2202626 Click to download

File Size   109.13 Kbytes
Page   4 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Housing cover - ME-IO 18,8 LC 10U 7035

2202626 Datasheet (HTML) - PHOENIX CONTACT


2202626 Product details

DIN rail housing, 10U L design, Housing cover, width: 20.94 mm, height: 114.1 mm, depth: 30.1 mm, color:light gray (7035)

Your advantages
Plastic in accordance with UL94 V0: for more rigorous flammability requirements
Cover for fully closed device fronts
Can be machined for application-specific connection technology




Similar Part No. - 2202626

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2202620 PHOENIX-2202620 Datasheet
57Kb / 2P
Component housing, length: 120.6 mm, Lower part, color: light gray, width: 75.9 mm, height: 57.7 mm
2202621 PHOENIX-2202621 Datasheet
338Kb / 8P
ME-IO 75,2 LB/FE 10U TBUS 7035 - Mounting base housing
2202622 PHOENIX-2202622 Datasheet
54Kb / 2P
Component housing, length: 111.9 mm, Cover, color: light gray, width: 20.94 mm, height: 16.3 mm
2202627 PHOENIX-2202627 Datasheet
54Kb / 2P
Component housing, length: 111.9 mm, Marking cover, color: transparent, width: 20.94 mm, height: 16.3 mm
2202628 PHOENIX-2202628 Datasheet
92Kb / 4P
Plug-in card block - SKBD 18/MT
More results


Similar Description - 2202626

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2201960 PHOENIX-2201960 Datasheet
67Kb / 3P
Mounting base housing - ME-IO 18,8 B/FE 9/9U TBUS 7035
2201961 PHOENIX-2201961 Datasheet
66Kb / 3P
Mounting base housing - ME-IO 18,8 B/FE 7/9U TBUS 7035
2201962 PHOENIX-2201962 Datasheet
66Kb / 3P
Mounting base housing - ME-IO 18,8 B/FE 5/9U TBUS 7035
2202581 PHOENIX-2202581 Datasheet
55Kb / 2P
Housing cover - ME-IO 18,8 C 2U MC18 7035
2201800 PHOENIX-2201800 Datasheet
86Kb / 5P
Housing cover - ME-IO 18,8 C 3U 7035
09/12/2020
2201801 PHOENIX-2201801 Datasheet
109Kb / 6P
Housing cover - ME-IO 18,8 C 3U S1 7035
09/12/2020
2201803 PHOENIX-2201803 Datasheet
86Kb / 5P
Housing cover - ME-IO 18,8 C 5U 7035
09/12/2020
2201805 PHOENIX-2201805 Datasheet
86Kb / 5P
Housing cover - ME-IO 18,8 C 7U 7035
09/12/2020
2201802 PHOENIX-2201802 Datasheet
139Kb / 5P
Housing cover - ME-IO 18,8 C 4U 7035
11/25/2021
1103440 PHOENIX-1103440 Datasheet
2Mb / 75P
Mounting base housing - ME-IO 18,8 EB 10U TBUS7035
Nov 16, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com