Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

EPO-26SC48-A Datasheet (PDF) - ETA-USA

EPO-26SC48-A Datasheet PDF - ETA-USA
Part # EPO-26SC48-A
Download  EPO-26SC48-A Download
File Size   268.68 Kbytes
Page   3 Pages
Manufacturer  ETA-USA [ETA-USA]
Direct Link  https://www.eta-usa.com/
Logo ETA-USA - ETA-USA
Description 225 WATT DC-DC Converters

EPO-26SC48-A Datasheet (PDF)

Go To PDF Page Download Datasheet
EPO-26SC48-A Datasheet PDF - ETA-USA

Part # EPO-26SC48-A
Download  EPO-26SC48-A Click to download

File Size   268.68 Kbytes
Page   3 Pages
Manufacturer  ETA-USA [ETA-USA]
Direct Link  https://www.eta-usa.com/
Logo ETA-USA - ETA-USA
Description 225 WATT DC-DC Converters

EPO-26SC48-A Datasheet (HTML) - ETA-USA


EPO-26SC48-A Product details

High Power Density - Up to 90W/in3
Constant Frequency - 370kHz
-40 to +100oC Operation
105oC Over Temperature
High Efficiency
Low Output Noise
Industry-Standard Pinout
Metal Baseplate
2:1 Input Voltage Range
Thermal Protection
Output Over Voltage Protection
Current Limit/Short Circuit Protection
Adjustable Output Voltage: 60% to 110% of V0,set
Remote Sense
Logic ON/OFF
Safety Agency Compliant




Similar Part No. - EPO-26SC48-A

ManufacturerPart #DatasheetDescription
logo
ETA-USA
EPO-28SC28-A ETA-USA-EPO-28SC28-A Datasheet
123Kb / 3P
150 WATT DC-DC Converters
More results


Similar Description - EPO-26SC48-A

ManufacturerPart #DatasheetDescription
logo
Power-One
IMS7 POWER-ONE-IMS7 Datasheet
135Kb / 4P
7 Watt DC-DC Converters
IMX15 POWER-ONE-IMX15 Datasheet
61Kb / 4P
15 Watt DC-DC Converters
IMX35 POWER-ONE-IMX35 Datasheet
132Kb / 4P
35 Watt DC-DC Converters
IXP POWER-ONE-IXP Datasheet
138Kb / 2P
3 Watt DC-DC Converters
logo
AIMTEC
AM1D-N AIMTEC-AM1D-N Datasheet
413Kb / 3P
1 watt dc-dc converters
AM2D AIMTEC-AM2D Datasheet
268Kb / 3P
2 watt dc-dc converters
AM5TW AIMTEC-AM5TW Datasheet
261Kb / 2P
5 watt dc-dc converters
AM5TW-N AIMTEC-AM5TW-N Datasheet
309Kb / 3P
5 watt dc-dc converters
AM8TW-C AIMTEC-AM8TW-C Datasheet
293Kb / 2P
8 watt dc-dc converters
AM10EW-C AIMTEC-AM10EW-C Datasheet
288Kb / 2P
10 watt dc-dc converters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com