Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MMB-04-19-MM Datasheet (PDF) - Maxtena Inc.

MMB-04-19-MM Datasheet PDF - Maxtena Inc.
Part # MMB-04-19-MM
Download  MMB-04-19-MM Download
File Size   1015.55 Kbytes
Page   2 Pages
Manufacturer  MAXTENA [Maxtena Inc.]
Direct Link  https://maxtena.com/
Logo MAXTENA - Maxtena Inc.
Description Magnetic mount bracket with cable and SMA Male connector

MMB-04-19-MM Datasheet (PDF)

Go To PDF Page Download Datasheet
MMB-04-19-MM Datasheet PDF - Maxtena Inc.

Part # MMB-04-19-MM
Download  MMB-04-19-MM Click to download

File Size   1015.55 Kbytes
Page   2 Pages
Manufacturer  MAXTENA [Maxtena Inc.]
Direct Link  https://maxtena.com/
Logo MAXTENA - Maxtena Inc.
Description Magnetic mount bracket with cable and SMA Male connector

MMB-04-19-MM Datasheet (HTML) - Maxtena Inc.


MMB-04-19-MM Product details

Features
• Gasket suitable for magnetic surface
• Suitable for connector mount
• Antenna Equipped with RG174 or LL100 cable
• Possible frequency transfer up to 6 GHz
• Robust construction
• Strong magnet for metal surface
• Mounting hole 19 mm/square 15x15 mm

Applications
• Magnet mount
• Fits a variety of antennas types




Similar Part No. - MMB-04-19-MM

ManufacturerPart #DatasheetDescription
logo
Maxtena Inc.
MMB-04-17-SM MAXTENA-MMB-04-17-SM Datasheet
1Mb / 2P
Screw mount antenna bracket with RG174 or LL100 cable and SMA F connector
REV A
MMB-04-18-SM MAXTENA-MMB-04-18-SM Datasheet
1Mb / 2P
Screw mount bracket with cable and SMA F connector
REV A
More results


Similar Description - MMB-04-19-MM

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51022-1 PASTERNACK-PE51022-1 Datasheet
259Kb / 1P
ANTENNA MOUNT (NMO) CABLE ASSEMBLY, NMO MAGNETIC MOUNT TO SMA MALE, RG58
PE51022-12 PASTERNACK-PE51022-12 Datasheet
241Kb / 1P
ANTENNA MOUNT (NMO) CABLE ASSEMBLY, NMO MAGNETIC MOUNT TO REVERSE POLARITY SMA MALE, RG58
PE51016-1 PASTERNACK-PE51016-1 Datasheet
122Kb / 1P
GPS ANTENNA, MAGNETIC MOUNT, TO SMA MALE, RG174 COAXIAL CABLE
logo
Molex Electronics Ltd.
2134993000 MOLEX-2134993000 Datasheet
36Kb / 1P
GNSS External Antenna, Magnetic Mount, 3.0m Cables with SMA Male Connector
2134993000 MOLEX-2134993000_V01 Datasheet
37Kb / 1P
GNSS External Antenna, Magnetic Mount, 3.0m Cables with SMA Male Connector
03/28/2022
logo
Maxtena Inc.
MMB-04-17-SM MAXTENA-MMB-04-17-SM Datasheet
1Mb / 2P
Screw mount antenna bracket with RG174 or LL100 cable and SMA F connector
REV A
MMB-04-18-SM MAXTENA-MMB-04-18-SM Datasheet
1Mb / 2P
Screw mount bracket with cable and SMA F connector
REV A
MMB-04-20-MM MAXTENA-MMB-04-20-MM Datasheet
1Mb / 2P
Magnetic mount bracket with cable and SMA F connector
REV A
MMB-04-21-AM MAXTENA-MMB-04-21-AM Datasheet
1Mb / 2P
Adhesive/ magnetic mount bracket with cable and SMA F connector
REV A
MMB-04-23-AM MAXTENA-MMB-04-23-AM Datasheet
983Kb / 2P
Magnetic/Adhesive mount bracket mount with SMA Female
REV A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com