Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

0914015 Datasheet (PDF) - PHOENIX CONTACT

0914015 Datasheet PDF - PHOENIX CONTACT
Part # 0914015
Download  0914015 Download
File Size   153.88 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Thermomagnetic device circuit breaker - TMC 1 F1 100 0.2A

0914015 Datasheet (PDF)

Go To PDF Page Download Datasheet
0914015 Datasheet PDF - PHOENIX CONTACT

Part # 0914015
Download  0914015 Click to download

File Size   153.88 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Thermomagnetic device circuit breaker - TMC 1 F1 100 0.2A

0914015 Datasheet (HTML) - PHOENIX CONTACT


0914015 Product details

Thermomagnetic device circuit breaker, Number of positions: 1, Connection method: Screw connection, Cross section: 0.2 mm²- 6 mm², AWG: 24 - 10, Nominal current: 0.2 A, Nominal voltage: 250 V, Width: 12.5 mm, Fuse type: Automatic device, Mounting type: DIN rail: 35 mm,Color: black

Why buy this product
Available with fast-blow and medium-blow characteristic curve for various nominal current strengths
All TMCP ... plug-in thermomagnetic circuit breakers also have integrated signal contacts




Similar Part No. - 0914015

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
09140153001 HARTING-09140153001 Datasheet
479Kb / 2P
Han 15E Male Multiplier Block
2021-10-01
09140153101 HARTING-09140153101 Datasheet
481Kb / 2P
Han 15E Female Multiplier Block
2021-10-01
More results


Similar Description - 0914015

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0914073 PHOENIX-0914073 Datasheet
160Kb / 8P
Thermomagnetic device circuit breaker - TMC 1 F1 100 1,0A
04.10.2012
0914099 PHOENIX-0914099 Datasheet
153Kb / 8P
Thermomagnetic device circuit breaker - TMC 1 F1 100 2,0A
11.06.2012
0914112 PHOENIX-0914112 Datasheet
160Kb / 8P
Thermomagnetic device circuit breaker - TMC 1 F1 100 3,0A
04.10.2012
0914125 PHOENIX-0914125 Datasheet
160Kb / 8P
Thermomagnetic device circuit breaker - TMC 1 F1 100 4,0A
04.10.2012
0914138 PHOENIX-0914138 Datasheet
160Kb / 8P
Thermomagnetic device circuit breaker - TMC 1 F1 100 5,0A
05.10.2012
0914141 PHOENIX-0914141 Datasheet
153Kb / 8P
Thermomagnetic device circuit breaker - TMC 1 F1 100 6,0A
11.06.2012
0914167 PHOENIX-0914167 Datasheet
153Kb / 8P
Thermomagnetic device circuit breaker - TMC 1 F1 100 10,0A
11.06.2012
0914280 PHOENIX-0914280 Datasheet
161Kb / 9P
Thermomagnetic device circuit breaker - TMC 1 F1 200 2,5A
05/25/2016
0914345 PHOENIX-0914345 Datasheet
153Kb / 8P
Thermomagnetic device circuit breaker - TMC 1 F1 200 10,0A
11.06.2012
0914361 PHOENIX-0914361 Datasheet
153Kb / 8P
Thermomagnetic device circuit breaker - TMC 1 F1 200 16,0A
11.06.2012
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com