Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MM1135 Datasheet (PDF) - Mitsumi Electronics, Corp.

MM1135 Datasheet PDF - Mitsumi Electronics, Corp.
Part # MM1135
Download  MM1135 Download
File Size   151.57 Kbytes
Page   6 Pages
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.
Description System Reset (with built-in watchdog timer) Monolithic IC

MM1135 Datasheet (PDF)

Go To PDF Page Download Datasheet
MM1135 Datasheet PDF - Mitsumi Electronics, Corp.

Part # MM1135
Download  MM1135 Click to download

File Size   151.57 Kbytes
Page   6 Pages
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.
Description System Reset (with built-in watchdog timer) Monolithic IC

MM1135 Datasheet (HTML) - Mitsumi Electronics, Corp.


MM1135 Product details

Outline
These ICs were developed to drive low voltage batteries, and have a watchdog timer with built-in microcomputer reset voltage detection circuit and low battery detection circuit.
A single reference voltage is used for low battery voltage detection and microcomputer reset voltage detection, so detection voltage difference is uniform (.=. 0.2V). Further, there is a built-in watchdog timer for operation diagnosis, which prevents the system from running wild by generating an intermittent reset pulse during system mis-operation.

Features
1. Accurate voltage drop detection voltage
    1. Low battery detection 3.4V±3%
    2. Power supply voltage detection 3.2V±3%
    3. Detection voltage error 0.2V±20mV 1-2
    4. Hysteresis Both 50mV typ.
2. Watchdog function stop pin (can be made to function only as reset IC during VCC rise)
3. Low current consumption 150µA typ.

Applications
1. 3V cordless telephones
2. Various types of small, handy equipment




Similar Part No. - MM1135

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1130 MITSUMI-MM1130 Datasheet
210Kb / 8P
NTSC PAL Converter Monolithic IC MM1130
MM1134 MITSUMI-MM1134 Datasheet
94Kb / 8P
IC for System Reset (battery backup)
MM1136 MITSUMI-MM1136 Datasheet
89Kb / 6P
IC for System Reset (with built-in watchdog timer) Monolithic IC
More results


Similar Description - MM1135

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1075 MITSUMI-MM1075 Datasheet
241Kb / 10P
System Reset (with built-in watchdog timer) Monolithic IC
MM1095BF MITSUMI-MM1095BF Datasheet
171Kb / 7P
System Reset (with built-in watchdog timer)
logo
NXP Semiconductors
NE56604-42 PHILIPS-NE56604-42 Datasheet
174Kb / 17P
System reset with built-in Watchdog timer
2003 Oct 15
logo
Mitsumi Electronics, Co...
MM1096 MITSUMI-MM1096 Datasheet
127Kb / 7P
System Reset (with built-in watchdog timer) Monolithic MM1096
MM1142 MITSUMI-MM1142 Datasheet
135Kb / 5P
System Reset (with built-in watchdog timer)
logo
Mitsubishi Electric Sem...
M62050P MITSUBISHI-M62050P Datasheet
50Kb / 4P
3V supply SYSTEM RESET with watchdog timer
logo
NXP Semiconductors
NE56605-42 PHILIPS-NE56605-42 Datasheet
176Kb / 16P
System reset with built-in watchdog timer
2001 Aug 22
logo
Mitsumi Electronics, Co...
MM1035 MITSUMI-MM1035 Datasheet
226Kb / 10P
System Reset (with built-in watchdog timer) Monolithic IC
MM1136 MITSUMI-MM1136 Datasheet
89Kb / 6P
IC for System Reset (with built-in watchdog timer) Monolithic IC
logo
New Japan Radio
NJU7291 NJRC-NJU7291 Datasheet
276Kb / 10P
SYSTEM RESET IC WITH WATCHDOG TIMER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com