Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

861111484012 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

861111484012 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 861111484012
Download  861111484012 Download
File Size   497.1 Kbytes
Page   7 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WCAP-AIL5 Aluminum Electrolytic Capacitors

861111484012 Datasheet (PDF)

Go To PDF Page Download Datasheet
861111484012 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 861111484012
Download  861111484012 Click to download

File Size   497.1 Kbytes
Page   7 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WCAP-AIL5 Aluminum Electrolytic Capacitors

861111484012 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


861111484012 Product details

E General information:
Aluminium Electrolytic Capacitors
Storage Conditions:35°C, <45% RH
Operating Temperature:-25 °C bis +105 °C
Load Life:2000 h @ +105°C / 450 V (DC)
Test conditions of Electrical Properties:20°C, 33% RH; if not specified differently
FIT according to separate documentation




Similar Part No. - 861111484012

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
861111484011 WURTH-861111484011 Datasheet
496Kb / 7P
WCAP-AIL5 Aluminum Electrolytic Capacitors
1.0 2014-11-11
861111484013 WURTH-861111484013 Datasheet
497Kb / 7P
WCAP-AIL5 Aluminum Electrolytic Capacitors
1.0 2014-11-11
861111484014 WURTH-861111484014 Datasheet
496Kb / 7P
WCAP-AIL5 Aluminum Electrolytic Capacitors
1.0 2014-11-11
861111484016 WURTH-861111484016 Datasheet
496Kb / 7P
WCAP-AIL5 Aluminum Electrolytic Capacitors
1.0 2014-11-11
861111484018 WURTH-861111484018 Datasheet
496Kb / 7P
WCAP-AIL5 Aluminum Electrolytic Capacitors
1.0 2014-11-11
More results


Similar Description - 861111484012

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
861111485026 WURTH-861111485026 Datasheet
497Kb / 7P
WCAP-AIL5 Aluminum Electrolytic Capacitors
1.0 REV 2014-11-11
861111484013 WURTH-861111484013 Datasheet
497Kb / 7P
WCAP-AIL5 Aluminum Electrolytic Capacitors
1.0 2014-11-11
861111484018 WURTH-861111484018 Datasheet
496Kb / 7P
WCAP-AIL5 Aluminum Electrolytic Capacitors
1.0 2014-11-11
861111486035 WURTH-861111486035 Datasheet
497Kb / 7P
WCAP-AIL5 Aluminum Electrolytic Capacitors
1.0 2014-11-11
861111483004 WURTH-861111483004 Datasheet
497Kb / 7P
WCAP-AIL5 Aluminum Electrolytic Capacitors
1.0 2014-11-11
861111484016 WURTH-861111484016 Datasheet
496Kb / 7P
WCAP-AIL5 Aluminum Electrolytic Capacitors
1.0 2014-11-11
861111485023 WURTH-861111485023 Datasheet
497Kb / 7P
WCAP-AIL5 Aluminum Electrolytic Capacitors
1.0 2014-11-11
861111485028 WURTH-861111485028 Datasheet
497Kb / 7P
WCAP-AIL5 Aluminum Electrolytic Capacitors
1.0 2014-11-11
861111485029 WURTH-861111485029 Datasheet
497Kb / 7P
WCAP-AIL5 Aluminum Electrolytic Capacitors
1.0 2014-11-11
861111486031 WURTH-861111486031 Datasheet
497Kb / 7P
WCAP-AIL5 Aluminum Electrolytic Capacitors
1.0 2014-11-11
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com