Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TPS564242 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TPS564242 Datasheet PDF - Texas Instruments
Part # TPS564242
Download  TPS564242 Download
File Size   1818.47 Kbytes
Page   31 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS56424x 3-V to 16-V Input Voltage, 4-A Synchronous Buck Converter in a SOT-563 Package

TPS564242 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS564242 Datasheet PDF - Texas Instruments

Part # TPS564242
Download  TPS564242 Click to download

File Size   1818.47 Kbytes
Page   31 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS56424x 3-V to 16-V Input Voltage, 4-A Synchronous Buck Converter in a SOT-563 Package

TPS564242 Datasheet (HTML) - Texas Instruments


TPS564242 Product details

1 Features
• Configured for a wide range of applications
– 3-V to 16-V input voltage range
– 0.6-V to 7-V output voltage range
– 0.6-V reference voltage
– ±1% reference accuracy at 25°C
– ±1.5% reference accuracy at –40°C to 125°C
– Integrated 28.8-mΩ and 15.4-mΩ RDSON FET
– 120-μA low quiescent current
– 1.2-MHz switching frequency
– Supports maximum 95% duty cycle operation
– Precision EN threshold voltage
– 1.39-ms fixed typical soft-start time
• Ease of use and small solution size
– Eco-mode (TPS564242) and FCCM mode at
light loading (TPS564247)
– Part of a full P2P family including solutions for 4
A, 5 A, and 6 A and FCCM/ECO operation
– D-CAP3™ control topology
– Support start-up with prebiased output
– Non-latch for OV/OT/UVLO protection
– Hiccup mode for UV protection
– Cycle-by-cycle OC and NOC limit
– 6-pin SOT-563 package
• Create a custom design using the TPS564242 with
the WEBENCH® Power Designer
• Create a custom design using the TPS564247 with
the WEBENCH® Power Designer
2 Applications
• LCD TV, STB and DVR, streaming media player
• IP network camera, video doorbell, building
security gateway
• WLAN/Wi-Fi access point, modem (cable/DSL/
GFAST), solid state drive
3 Description
The TPS56424x is simple, easy-to-use, high power
density, high efficiency synchronous buck converter.
The device supports input voltage ranging from 3 V to
16 V and up to 4-A continuous current with a SOT-563
package.
The TPS56424x uses D-CAP3 topology to provide
a fast transient response and support low-ESR
output capacitors with no requirement for external
compensation. It has two grounds, GND and AGND,
which should be connected together for optimal
thermal performance. AGND also provides a good
load and line regulation. The device can support up
to 95% duty operation.
The TPS564242 operates in Eco-mode, which
maintains high efficiency during light loading. The
TPS564247 operates in FCCM mode, which keeps
the same frequency and lower output ripple during
all load conditions. It integrates complete protection
through OVP, OCP, UVLO, OTP, and UVP with
hiccup. The device is available in 1.6-mm × 1.6-
mm SOT-563 package and has an optimized pinout
for easy PCB layout. The junction temperature is
specified from –40°C to 125°C.




Similar Part No. - TPS564242

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS564201 TI1-TPS564201 Datasheet
1Mb / 25P
4.5-V to 17-V Input, 4-A Synchronous Step-Down Voltage Regulator in SOT-23
TPS564201DDCR TI1-TPS564201DDCR Datasheet
1Mb / 25P
4.5-V to 17-V Input, 4-A Synchronous Step-Down Voltage Regulator in SOT-23
TPS564201DDCT TI1-TPS564201DDCT Datasheet
1Mb / 25P
4.5-V to 17-V Input, 4-A Synchronous Step-Down Voltage Regulator in SOT-23
TPS564208 TI1-TPS564208 Datasheet
1Mb / 24P
4.5-V to 17-V Input, 4-A Synchronous Step-Down Voltage Regulator
TPS564208DDCR TI1-TPS564208DDCR Datasheet
1Mb / 24P
4.5-V to 17-V Input, 4-A Synchronous Step-Down Voltage Regulator
More results


Similar Description - TPS564242

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS566242 TI-TPS566242 Datasheet
1Mb / 30P
TPS56624x 3-V to 16-V Input Voltage, 6-A Synchronous Buck Converter in a SOT-5X3 Package
FEBRUARY 2022
TPS565242 TI-TPS565242_V01 Datasheet
1Mb / 31P
TPS56524x 3-V to 16-V Input Voltage, 5-A Synchronous Buck Converter in a SOT-563 Package
APRIL 2022
TPS566242 TI-TPS566242_V01 Datasheet
1Mb / 31P
TPS56624x 3-V to 16-V Input Voltage, 6-A Synchronous Buck Converter in a SOT-563 Package
APRIL 2022
TPS563252 TI-TPS563252 Datasheet
1Mb / 30P
TPS56325x 3-V to 16-V Input, 3-A Synchronous Buck Converters in SOT-563 Package
AUGUST 2022
TPS562242 TI-TPS562242 Datasheet
1Mb / 25P
TPS562242 3-V to 16-V Input, 2-A Synchronous Buck Converters in SOT-563 Package
DECEMBER 2022
TPS564252 TI-TPS564252 Datasheet
1Mb / 35P
TPS56425x 3-V to 16-V Input, 4-A Synchronous Buck Converters in SOT-563 Package
DECEMBER 2022
TPS563252 TI-TPS563252_V01 Datasheet
1Mb / 31P
TPS56325x 3-V to 17-V Input, 3-A, Synchronous Buck Converters in SOT-563 Package
MAY 2023
TPS564252 TI-TPS564252_V01 Datasheet
1Mb / 31P
TPS56425x 3-V to 17-V Input, 4-A, Synchronous Buck Converters in SOT-563 Package
MAY 2023
TPS563252 TI-TPS563252_V02 Datasheet
1Mb / 31P
TPS56325x 3-V to 17-V Input, 3-A, Synchronous Buck Converters in SOT-563 Package
REVISED MAY 2023
TPS564252 TI-TPS564252_V02 Datasheet
1Mb / 31P
TPS56425x 3-V to 17-V Input, 4-A, Synchronous Buck Converters in SOT-563 Package
REVISED MAY 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com