Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TJA1081BTS Datasheet (PDF) - NXP Semiconductors

TJA1081BTS Datasheet PDF - NXP Semiconductors
Part # TJA1081BTS
Download  TJA1081BTS Download
File Size   848.49 Kbytes
Page   45 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description FlexRay node transceiver

TJA1081BTS Datasheet (PDF)

Go To PDF Page Download Datasheet
TJA1081BTS Datasheet PDF - NXP Semiconductors

Part # TJA1081BTS
Download  TJA1081BTS Click to download

File Size   848.49 Kbytes
Page   45 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description FlexRay node transceiver

TJA1081BTS Datasheet (HTML) - NXP Semiconductors


TJA1081BTS Product details

General description
The TJA1081B is a FlexRay node transceiver that is fully compliant with the FlexRay
electrical physical layer specification V3.0.1 (see Ref. 1). In order to meet the
JASPAR-specific requirements, it implements the ‘Bus driver increased voltage amplitude
transmitter’ functional class. It is primarily intended for communication systems from
2.5 Mbit/s to 10 Mbit/s and provides an advanced interface between the protocol
controller and the physical bus in a FlexRay network.
The TJA1081B features enhanced low-power modes, optimized for ECUs that are
permanently connected to the battery.
The TJA1081B provides differential transmit capability to the network and differential
receive capability to the FlexRay controller. It offers excellent EMC performance as well as
effective ESD protection.
The TJA1081B actively monitors system performance using dedicated error and status
information (that can be read by any microcontroller), along with internal voltage and
temperature monitoring.
The TJA1081B supports mode control as used in the TJA1080A (see Ref. 3) and is fully
function and footprint compatible with the TJA1081 (see Ref. 2).

Features and benefits
Optimized for time triggered communication systems
 Compliant with FlexRay electrical physical layer specification V3.0.1 (see Ref. 1)
 Meets JASPAR requirementsasdescribedinthe ‘Busdriverincreasedvoltage
amplitudetransmitter’functionalclass
 Automotive product qualification in accordance with AEC-Q100
 Data transfer rates from 2.5 Mbit/s to 10 Mbit/s
 Supports 60 ns minimum bit time at 400 mV differential input voltage
 Very low ElectroMagnetic Emissions (EME) to support unshielded cable, meeting
latest industry standards
 Differential receiver with wide common-mode range for high ElectroMagnetic Immunity
(EMI), meeting latest industry standards
 Auto I/O level adaptation to host controller supply voltage VIO
 Can be used in 14 V, 24 V and 48 V powered systems
 Instant transmitter shut-down interface (via BGE pin)
 Independent power supply ramp-up for VBAT, VCC and VIO3

Low-power management
 Low-power management including inhibit switch
 Very low current in Sleep and Standby modes
 VBAT operating range: 4.75 V to 60 V
 Gap-free specification
 Local and remote wake-up
 Supports remote wake-up via dedicated data frames
 Wake-up source recognition

Diagnosis (detection and signaling)
 Enhanced supply monitoring of VBAT, VCC and VIO
 Overtemperature detection
 Short-circuit detection on bus lines
 VBAT power-on flag (first battery connection and cold start)
 Clamping diagnosis on pin TXEN
 BGE status feedback

Protection
 Bus pins protected against 6 kV ESD pulses according to IEC61000-4-2 and HBM
 Pins VBAT and WAKE protected against 6 kV ESD pulses according to IEC61000-4-2
 Bus pins protected against transients in automotive environment (according to
ISO 7637 class C)
 Bus pins short-circuit proof to battery voltage (14 V, 24 V and 48 V) and ground
 Fail-silent behavior in the event of an undervoltage on pins VBAT, VCC or VIO
 Passive behavior of bus lines while the transceiver is not powered
 No reverse currents from the digital input pins to VIO or VCC when the transceiver is not powered

Functional classes according to FlexRay electrical physical layer
specification (see Ref. 1)
 Bus driver voltage regulator control
 Bus driver - bus guardian interface
 Bus driver logic level adaptation
 Bus driver remote wake-up
 Bus driver increased voltage amplitude transmitter (JASPAR)




Similar Part No. - TJA1081BTS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TJA1081 NXP-TJA1081 Datasheet
187Kb / 36P
FlexRay node transceiver
Rev. 02-28 July 2009
TJA1081G NXP-TJA1081G Datasheet
656Kb / 46P
FlexRay node transceiver
Rev. 1 ??28 October 2016
TJA1081GTS NXP-TJA1081GTS Datasheet
656Kb / 46P
FlexRay node transceiver
Rev. 1 ??28 October 2016
TJA1081TS NXP-TJA1081TS Datasheet
187Kb / 36P
FlexRay node transceiver
Rev. 02-28 July 2009
More results


Similar Description - TJA1081BTS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TJA1080 PHILIPS-TJA1080 Datasheet
209Kb / 44P
FlexRay transceiver
Rev. 01-20 July 2006
logo
ELMOS Semiconductor AG
E910.54 ELMOS-E910.54 Datasheet
174Kb / 2P
FlexRay??Transceiver
logo
NXP Semiconductors
TJA1080A NXP-TJA1080A Datasheet
232Kb / 50P
FlexRay transceiver
Rev. 02-26 August 2008
TJA1081 NXP-TJA1081 Datasheet
187Kb / 36P
FlexRay node transceiver
Rev. 02-28 July 2009
TJA1083 NXP-TJA1083 Datasheet
743Kb / 41P
FlexRay node transceiver
Rev. 1-10 October 2012
logo
Infineon Technologies A...
TLE9222 INFINEON-TLE9222_15 Datasheet
1Mb / 43P
FlexRay Transceiver
Rev. 1.0, 2015-06-12
TLE9221SX INFINEON-TLE9221SX_15 Datasheet
3Mb / 99P
FlexRay Transceiver
Rev. 1.3, 2015-09-21
TLE9222 INFINEON-TLE9222_17 Datasheet
1Mb / 43P
FlexRay Transceiver
Rev. 1.2 2017-10-17
logo
NXP Semiconductors
TJA1083G NXP-TJA1083G Datasheet
475Kb / 41P
FlexRay node transceiver
Rev. 1 ??18 January 2018
TJA1081G NXP-TJA1081G Datasheet
656Kb / 46P
FlexRay node transceiver
Rev. 1 ??28 October 2016
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com