Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

OPB854A1 Datasheet (PDF) - OPTEK Technologies

OPB854A1 Datasheet PDF - OPTEK Technologies
Part # OPB854A1
Download  OPB854A1 Download
File Size   237.58 Kbytes
Page   2 Pages
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies
Description Slotted Optical Switches

OPB854A1 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPB854A1 Datasheet PDF - OPTEK Technologies

Part # OPB854A1
Download  OPB854A1 Click to download

File Size   237.58 Kbytes
Page   2 Pages
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies
Description Slotted Optical Switches

OPB854A1 Datasheet (HTML) - OPTEK Technologies


OPB854A1 Product details

Description:
Each OPB854 series contains an Infrared Light Emitting Diode (LED) and an NPN silicon phototransistor mounted on opposite sides of a 0.100” (2.54 mm) wide slot in an opaque plastic housing. The OPB854 series has an equivalent aperture of 0.60” (1.52 mm) in diameter because of the lens on the emitting an sensing devices.
The difference between the OPB854A aeries and OPB854B series are electrical characteristics.
Switching of the phototransistor occurs whenever an opaque object passes through the slot.
Custom electrical, wire and cabling and connectors are available. Contact your local representative or OPTEK for more information.

Features:
• Opaque housing material for ambient light rejection
• Non-contact switching
• Printed circuit board mounting, lead spacing 0.300” (7.62 mm)
• Slot width 0.100” (2.54 mm)
• Choice of three mounting configurations

Applications:
• Non-contact interruptive object sensing
• Assembly line automation
• Machine automation
• Equipment security
• Machine safety




Similar Part No. - OPB854A1

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB854A1 OPTEK-OPB854A1 Datasheet
246Kb / 4P
Slotted Optical Switch
logo
TT Electronics.
OPB854A1 TTELEC-OPB854A1 Datasheet
711Kb / 4P
Slotted Optical Switch
OPB854A1 TTELEC-OPB854A1 Datasheet
548Kb / 4P
Slotted Optical Switch
3/2018
OPB854A1-3 TTELEC-OPB854A1-3 Datasheet
711Kb / 4P
Slotted Optical Switch
logo
OPTEK Technologies
OPB854A1 OPTEK-OPB854A1_07 Datasheet
246Kb / 4P
Slotted Optical Switch
More results


Similar Description - OPB854A1

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB821 OPTEK-OPB821 Datasheet
242Kb / 2P
Slotted Optical Switches
OPB847 OPTEK-OPB847 Datasheet
299Kb / 2P
SLOTTED OPTICAL SWITCHES
OPB830L OPTEK-OPB830L Datasheet
386Kb / 4P
SLOTTED OPTICAL SWITCHES
OPB854A3 OPTEK-OPB854A3 Datasheet
226Kb / 2P
SLOTTED OPTICAL SWITCHES
OPB828 OPTEK-OPB828 Datasheet
252Kb / 2P
SLOTTED OPTICAL SWITCHES
OPB852A1 OPTEK-OPB852A1 Datasheet
174Kb / 2P
Slotted Optical Switches
Jan-2005
OPB827A OPTEK-OPB827A Datasheet
256Kb / 2P
SLOTTED OPTICAL SWITCHES
OPB845A OPTEK-OPB845A Datasheet
230Kb / 2P
Slotted Optical Switches
January 2006
OPB853A1 OPTEK-OPB853A1 Datasheet
266Kb / 2P
Slotted Optical Switches
July 1996
OPB830W OPTEK-OPB830W_06 Datasheet
373Kb / 4P
Slotted Optical Switches
February 2006
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com