Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ALLD10A14V Datasheet (PDF) - Analog Technologies, Inc.

ALLD10A14V Datasheet PDF - Analog Technologies, Inc.
Part # ALLD10A14V
Download  ALLD10A14V Download
File Size   837.37 Kbytes
Page   14 Pages
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.
Description Laser Driver Load Assembly

ALLD10A14V Datasheet (PDF)

Go To PDF Page Download Datasheet
ALLD10A14V Datasheet PDF - Analog Technologies, Inc.

Part # ALLD10A14V
Download  ALLD10A14V Click to download

File Size   837.37 Kbytes
Page   14 Pages
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.
Description Laser Driver Load Assembly

ALLD10A14V Datasheet (HTML) - Analog Technologies, Inc.


ALLD10A14V Product details

MAIN FEATURES
Emulate the Non-Linearity of Laser Diodes
High Continuous Current Capability: up to 10A.
Extremely High Pulse Current Capability: 180A
High Reverse Voltage on Each Diode: 150V
Variable Voltage Drop Steps: 0.8V, 1.6V, 2.4V, …
12.8V@10A, 25℃
Constant Fan Speed at Wide Input Voltage: 4.5V to 16V
Over Temperature Shutdown @ Diode Temperature > 90℃
Low Noise High Airflow Fan with Thermistor & PWM
Control




Similar Part No. - ALLD10A14V

ManufacturerPart #DatasheetDescription
logo
PCTEL, Inc.
ALLDISC-S PCTEL-ALLDISC-S Datasheet
209Kb / 3P
2/3/4/5G and WIFI 2x MIMO
More results


Similar Description - ALLD10A14V

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2610AN SONY-CXA2610AN Datasheet
119Kb / 10P
Laser Driver
CXA2610N SONY-CXA2610N Datasheet
119Kb / 10P
Laser Driver
CXB1548Q-Y SONY-CXB1548Q-Y Datasheet
288Kb / 12P
Laser Driver
CXB1558Q-Y SONY-CXB1558Q-Y Datasheet
272Kb / 11P
Laser Driver
logo
Intersil Corporation
EL6202 INTERSIL-EL6202 Datasheet
116Kb / 8P
Laser Driver Oscillator
June 11, 2004
EL6205 INTERSIL-EL6205 Datasheet
129Kb / 8P
Laser Driver Oscillator
March 1, 2004
logo
Roithner LaserTechnik G...
EU-38-PD ROITHNER-EU-38-PD Datasheet
95Kb / 2P
Laser Diode Driver
logo
IC-Haus GmbH
WJZMSOP8 ICHAUS-WJZMSOP8 Datasheet
577Kb / 12P
LASER DIODE DRIVER
WJZSO8 ICHAUS-WJZSO8 Datasheet
577Kb / 12P
LASER DIODE DRIVER
logo
Analog Technologies, In...
ATLS212DLDV1.0 ANALOGTECHNOLOGIES-ATLS212DLDV1.0 Datasheet
310Kb / 6P
Load Assembly for Laser Drivers
1/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com