Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

A4770 Datasheet (PDF) - AiT Semiconductor Inc.

A4770 Datasheet PDF - AiT Semiconductor Inc.
Part # A4770
Download  A4770 Download
File Size   588.02 Kbytes
Page   6 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description POWER SWITCH 100m廓 POWER DISTRIBUTION SWITCHES

A4770 Datasheet (PDF)

Go To PDF Page Download Datasheet
A4770 Datasheet PDF - AiT Semiconductor Inc.

Part # A4770
Download  A4770 Click to download

File Size   588.02 Kbytes
Page   6 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description POWER SWITCH 100m廓 POWER DISTRIBUTION SWITCHES

A4770 Datasheet (HTML) - AiT Semiconductor Inc.


A4770 Product details

DESCRIPTION
The A4770 is an integrated 100mΩ power switch for self-powered and bus-powered Universal Series Bus (USB) applications. A built-in charge pump is used to drive the N-channel NMOSFET that is free of parasitic body diode to eliminate any reversed current flow across the switch when it is powered off. Its low quiescent supply current (23μA) and small package (SOT-25) is particularly suitable in battery-powered portable equipment.
Several protection functions include soft start to limit inrush current during plug-in, current limiting at 1.1/1.3A to meet USB power requirement, and thermal shutdown to protect damage under over current conditions.
The A4770 is available in SOT-25 package.

FEATURES
 100mΩ (T yp.) High Side NMOSFET (SOT 25)
 1.1/1.3A Current Limit
 Small SOT 2 5 Package Minimizes Board Space
 Soft Start
 Thermal Protection
 Low 23μA Supply Current
 Wide Input Voltage Range: 2.2V ~ 6V
 Available in SOT-25 p ackage

APPLICATION
 Battery Pow ered Equipment
 Motherboard USB Power Switch
 USB Device Power Switch
 Hot Plug Power Supplies
 Battery Charger Circuits




Similar Part No. - A4770

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A4770A AITSEMI-A4770A Datasheet
239Kb / 6P
POWER SWITCH 150m廓 POWER DISTRIBUTION SWITCHES
REV1.0
A4770AE5RX AITSEMI-A4770AE5RX Datasheet
239Kb / 6P
POWER SWITCH 150m廓 POWER DISTRIBUTION SWITCHES
REV1.0
A4770AE5VRX AITSEMI-A4770AE5VRX Datasheet
239Kb / 6P
POWER SWITCH 150m廓 POWER DISTRIBUTION SWITCHES
REV1.0
More results


Similar Description - A4770

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9701 RICHTEK-RT9701 Datasheet
306Kb / 12P
100m POWER DISTRIBUTION SWITCHES
RT9701 RICHTEK-RT9701_07 Datasheet
285Kb / 10P
100m廓 Power Distribution Switches
RT9701B RICHTEK-RT9701B Datasheet
269Kb / 11P
100m廓 Power Distribution Switches
logo
Unisonic Technologies
US202 UTC-US202 Datasheet
210Kb / 7P
100m??POWER DISTRIBUTION SWITCHES
US202 UTC-US202_11 Datasheet
207Kb / 6P
100m廓 POWER DISTRIBUTION SWITCHES
logo
Richtek Technology Corp...
RT9701 RICHTEK-RT9701_11 Datasheet
287Kb / 10P
100m廓 Power Distribution Switches
RT9701B RICHTEK-RT9701B_11 Datasheet
272Kb / 11P
100m廓 Power Distribution Switches
logo
Unisonic Technologies
US202 UTC-US202_18 Datasheet
208Kb / 5P
100m POWER DISTRIBUTION SWITCHES
logo
Shenzhen Huazhimei Semi...
HM9701C HMSEMI-HM9701C Datasheet
523Kb / 4P
100m廓 power switch
logo
AiT Semiconductor Inc.
A4770A AITSEMI-A4770A Datasheet
239Kb / 6P
POWER SWITCH 150m廓 POWER DISTRIBUTION SWITCHES
REV1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com