Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

A7116 Datasheet (PDF) - AiT Semiconductor Inc.

A7116 Datasheet PDF - AiT Semiconductor Inc.
Part # A7116
Download  A7116 Download
File Size   1004.12 Kbytes
Page   13 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description DC-DC CONVERTER/ BUCK (STEP-DOWN) 1.5MHz, 700mA SYNCHRONOUS WITH LOW QUIESCENT CURRENT

A7116 Datasheet (PDF)

Go To PDF Page Download Datasheet
A7116 Datasheet PDF - AiT Semiconductor Inc.

Part # A7116
Download  A7116 Click to download

File Size   1004.12 Kbytes
Page   13 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description DC-DC CONVERTER/ BUCK (STEP-DOWN) 1.5MHz, 700mA SYNCHRONOUS WITH LOW QUIESCENT CURRENT

A7116 Datasheet (HTML) - AiT Semiconductor Inc.


A7116 Product details

DESCRIPTION
The A7116 is a high efficiency monolithic synchronous buck regulator using a constant frequency, current mode architecture. The device is available in an adjustable version. Supply current with no load is 40μA and drops to <1uA in shutdown. The 2.5V to 6.8V input voltage range makes the A7116 ideally suited for single Li-Ion, two to four AA battery-powered applications. 100% duty cycle provides low dropout operation, extending battery life in portable systems. In power saving mode, 40μA quiescent current is very suitable for DSP/MCU in standby operation; and in PWM mode, low output ripple voltage is good enough for noise sensitive applications. The two modes can be automatically switched according to the load current.
Switching frequency is internally set at 1.5MHz, allowing the use of small surface mount inductors and capacitors. The internal synchronous switch increases efficiency and eliminates the need for an external Schottky diode. Low output voltages are easily supported with the 0.6V feedback reference voltage. The A7116 is available in a SOT-25 package.
The A7116 is available in SOT-25 package.

FEATURES
 High Efficiency: Up to 96%
 1.5MHz Constant Switching Frequency
 700mA Output Current at VIN=3.6V
 Integrated Main switch and synchronous rectifier.
No Schottky Diode Required
 2.5V to 6.8V Input Voltage Range
 Output Voltage as Low as 0.6V
 100% Duty Cycle in Dropout
 Quiescent Current: 40μA(input < 4.2V)
 Slope Compensated Current Mode Control for
Excellent Line and Load Transient Response
 Short Circuit Protection
 <1uA Shutdown Current
 Available in SOT-25 package

APPLICATION
 Cellular and Smart Phones
 Microprocessors and DSP Core Supplies
 Wireless and DSL Modems
 PDAs
 MP3 / MP4 /PMP Player
 Digital Still and Video Cameras
 Portable Instruments




Similar Part No. - A7116

ManufacturerPart #DatasheetDescription
logo
United Automation Ltd. ...
A71105 UNITEDAUTOMATION-A71105 Datasheet
607Kb / 2P
Up to 3A, 110V, 230V Single Phase Fan Controller
14 November 2025
logo
AiT Semiconductor Inc.
A7112 AITSEMI-A7112 Datasheet
516Kb / 10P
DC-DC CONVERTER BUCK (STEP-DOWN) 1.2A 1.5MHz 7V SYNCHRONOUS
REV2.3
A7112E5R-ADJZ AITSEMI-A7112E5R-ADJZ Datasheet
516Kb / 10P
DC-DC CONVERTER BUCK (STEP-DOWN) 1.2A 1.5MHz 7V SYNCHRONOUS
REV2.3
A7112E5VR-ADJZ AITSEMI-A7112E5VR-ADJZ Datasheet
516Kb / 10P
DC-DC CONVERTER BUCK (STEP-DOWN) 1.2A 1.5MHz 7V SYNCHRONOUS
REV2.3
A7112J6R AITSEMI-A7112J6R Datasheet
516Kb / 10P
DC-DC CONVERTER BUCK (STEP-DOWN) 1.2A 1.5MHz 7V SYNCHRONOUS
REV2.3
More results


Similar Description - A7116

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM3500 UNIONSEMI-UM3500 Datasheet
368Kb / 11P
600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
logo
BCD Semiconductor Manuf...
AP3410 BCDSEMI-AP3410 Datasheet
778Kb / 11P
1.5MHz Synchronous Step-down DC-DC Converter
AP3410B BCDSEMI-AP3410B Datasheet
545Kb / 12P
1.5MHz Synchronous Step-down DC-DC Converter
logo
Diodes Incorporated
AP3401 DIODES-AP3401 Datasheet
933Kb / 11P
1.5MHZ, 1A STEP-DOWN DC - DC BUCK CONVERTER
Rev 2
AP3428 DIODES-AP3428 Datasheet
1,019Kb / 13P
1.5MHZ, 1A STEP-DOWN DC-DC BUCK CONVERTER
Rev 2
logo
Leshan Radio Company
LR8501 LRC-LR8501 Datasheet
825Kb / 11P
1.5MHz 600mA Synchronous Step-Down Converter with Low Quiescent Current
logo
Shenzhen Huazhimei Semi...
HM3406H HMSEMI-HM3406H Datasheet
540Kb / 7P
Low Quiescent Current 1.5MHz, 700mA Synchronous Buck Regulator
logo
AiT Semiconductor Inc.
A7112 AITSEMI-A7112 Datasheet
516Kb / 10P
DC-DC CONVERTER BUCK (STEP-DOWN) 1.2A 1.5MHz 7V SYNCHRONOUS
REV2.3
A7131 AITSEMI-A7131 Datasheet
672Kb / 12P
DC-DC CONVERTER/ BUCK (STEP-DOWN) 3.0A 1.5MHz SYNCHRONOUS BUCK CONVERTER
REV2.0
logo
Diodes Incorporated
AP3428 DIODES-AP3428_V01 Datasheet
1Mb / 14P
1.5MHZ, 1A STEP-DOWN DC-DC BUCK CONVERTER
Rev. 5 - 2 May 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com