Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ABS201 Datasheet (PDF) - AiT Semiconductor Inc.

ABS201 Datasheet PDF - AiT Semiconductor Inc.
Part # ABS201
Download  ABS201 Download
File Size   517.92 Kbytes
Page   5 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description BRIDGE RECTIFIER 2A SURFACE MOUNT GLASS PASSIVATED

ABS201 Datasheet (PDF)

Go To PDF Page Download Datasheet
ABS201 Datasheet PDF - AiT Semiconductor Inc.

Part # ABS201
Download  ABS201 Click to download

File Size   517.92 Kbytes
Page   5 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description BRIDGE RECTIFIER 2A SURFACE MOUNT GLASS PASSIVATED

ABS201 Datasheet (HTML) - AiT Semiconductor Inc.


ABS201 Product details

DESCRIPTION
The
ABS 20 1~ABS 2 10 are available in ABS p ackage

FEATURES
 G lass Passivated Chip Junction
 Reverse Voltage 100 to 1000 V
 Forward Current 2 A
 High Surge Current Capability
 Designed for Surface Mount Application
 Availabl e in ABS p ackage

MECHANICAL DATA
Case
: ABS
Terminals: Solderable per MIL
STD 750,
Method 2026
App
rox. Weight: 88mg 0.0031oz




Similar Part No. - ABS201

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
ABS201 YFWDIODE-ABS201 Datasheet
420Kb / 3P
2A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Foshan Blue Rocket Elec...
ABS201 FOSHAN-ABS201 Datasheet
876Kb / 6P
2.0A Surface Mount Glass Passivated Bridge Rectifier, ABS/LBF thin package.
logo
Guangdong Kexin Industr...
ABS201 KEXIN-ABS201 Datasheet
477Kb / 3P
Bridge Rectifier
logo
Leshan Radio Company
ABS201 LRC-ABS201 Datasheet
650Kb / 4P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
logo
DONGGUAN YOU FENG WEI E...
ABS201 YFWDIODE-ABS201 Datasheet
608Kb / 3P
2A SURFACE MOUNT GLASS PASSIVATED BRIDGE
More results


Similar Description - ABS201

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
ABF2010-ABF YFWDIODE-ABF2010-ABF Datasheet
419Kb / 3P
2A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
ABS201-ABS-LBF YFWDIODE-ABS201-ABS-LBF Datasheet
420Kb / 3P
2A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
TB1F-20-ABF YFWDIODE-TB1F-20-ABF Datasheet
417Kb / 3P
2A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
ABS210 DIODES-ABS210 Datasheet
337Kb / 5P
2A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Rev 3
DBF210 DIODES-DBF210 Datasheet
581Kb / 5P
2A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Rev 3
HDS20M DIODES-HDS20M Datasheet
492Kb / 5P
2A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Rev 3
logo
DONGGUAN YOU FENG WEI E...
ABS201 YFWDIODE-ABS201 Datasheet
608Kb / 3P
2A SURFACE MOUNT GLASS PASSIVATED BRIDGE
logo
SHIKUES Electronics
MSB20B SKTECHNOLGY-MSB20B Datasheet
493Kb / 3P
2A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
First Silicon Co., Ltd
FTB1S-20 FS-FTB1S-20 Datasheet
510Kb / 3P
2A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
YBS2001 FS-YBS2001 Datasheet
614Kb / 3P
2A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com