Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BSS84L Datasheet (PDF) - AiT Semiconductor Inc.

BSS84L Datasheet PDF - AiT Semiconductor Inc.
Part # BSS84L
Download  BSS84L Download
File Size   682.82 Kbytes
Page   6 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description POWER MOSFET P-CHANNEL 130mA, 50V

BSS84L Datasheet (PDF)

Go To PDF Page Download Datasheet
BSS84L Datasheet PDF - AiT Semiconductor Inc.

Part # BSS84L
Download  BSS84L Click to download

File Size   682.82 Kbytes
Page   6 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description POWER MOSFET P-CHANNEL 130mA, 50V

BSS84L Datasheet (HTML) - AiT Semiconductor Inc.


BSS84L Product details

DESCRIPTION
These miniature surface mount MOSFETs reduce
power loss conserve energy, making this device
ideal for use in small power management circuitry.
Typical applications are dc dc converters, load
switching, power management in portable and
battery powered products such as computers,
printers, cellular and cordless telephones.
The
BSS 84L is available in SOT 23 Pa ckage

FEATURES
 Energy Efficient
 Available in SOT 23 Package




Similar Part No. - BSS84L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BSS84L ONSEMI-BSS84L Datasheet
190Kb / 5P
MOSFET - Power, Single P-Channel, SOT-23 -50 V, 10
December, 2020 ??Rev. 13
BSS84LT1 ONSEMI-BSS84LT1 Datasheet
67Kb / 4P
Power MOSFET 130 mA, 50 V
June, 2004 ??Rev. 5
logo
WILLAS ELECTRONIC CORP
BSS84LT1 WILLAS-BSS84LT1 Datasheet
324Kb / 4P
130 mAmps, 50 Volts
logo
ON Semiconductor
BSS84LT1 ONSEMI-BSS84LT1 Datasheet
110Kb / 4P
Power MOSFET Single P-Channel
October, 2016 ??Rev. 9
BSS84LT1G ONSEMI-BSS84LT1G Datasheet
67Kb / 4P
Power MOSFET 130 mA, 50 V
June, 2004 ??Rev. 5
More results


Similar Description - BSS84L

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFG60P05E INTERSIL-RFG60P05E Datasheet
94Kb / 7P
60A, 50V, 0.030 Ohm, ESD Rated, P-Channel Power MOSFET
July 1999
logo
Formosa MS
FMBSS84 FORMOSA-FMBSS84 Datasheet
101Kb / 8P
50V P-Channel Enhancement Mode Power MOSFET
logo
Cystech Electonics Corp...
MTP3J15N3 CYSTEKEC-MTP3J15N3 Datasheet
309Kb / 8P
50V P-CHANNEL Enhancement Mode MOSFET
MTP3J15Y3 CYSTEKEC-MTP3J15Y3 Datasheet
342Kb / 8P
50V P-CHANNEL Enhancement Mode MOSFET
BSS84KS3 CYSTEKEC-BSS84KS3 Datasheet
312Kb / 8P
50V P-CHANNEL Enhancement Mode MOSFET
BSS84N3 CYSTEKEC-BSS84N3 Datasheet
308Kb / 8P
50V P-CHANNEL Enhancement Mode MOSFET
logo
GOOD-ARK Electronics
SSF6007 GOOD-ARK-SSF6007_15 Datasheet
375Kb / 5P
50V P-Channel MOSFET
SSF6007 GOOD-ARK-SSF6007 Datasheet
375Kb / 5P
50V P-Channel MOSFET
logo
E-CMOS Corporation
EC736007 E-CMOS-EC736007 Datasheet
178Kb / 5P
-50V, -130mA P-Channel MOSFET
logo
AiT Semiconductor Inc.
BSS84D AITSEMI-BSS84D Datasheet
785Kb / 6P
POWER MOSFET P-CHANNEL 130mA, 50V
REV1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com