Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

171011801 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

171011801 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 171011801
Download  171011801 Download
File Size   3287.14 Kbytes
Page   49 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description MagI3C Power Module VDRM ??Variable Step Down Regulator Module

171011801 Datasheet (PDF)

Go To PDF Page Download Datasheet
171011801 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 171011801
Download  171011801 Click to download

File Size   3287.14 Kbytes
Page   49 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description MagI3C Power Module VDRM ??Variable Step Down Regulator Module

171011801 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


171011801 Product details

DESCRIPTION
The VDRM series of the MagI³C Power Module family
provides a fully integrated DC-DC power supply including
the buck switching regulator, inductor, input and output
capacitors in a package, allowing a minimum external
components count solution, quick time to market and
ease of use.
The 171011801 family offers high efficiency and delivers
up to 1A of output current. It operates from 4V input
voltage up to 18V. It is designed for fast transient
response.
It is available in an innovative industrial high power
density LGA-16EP (9 x 9 x 3mm) package that enhances
thermal performance.
The VDRM regulators have an integrated protection
circuit that guards against thermal overstress and
electrical damage by using thermal shut-down,
overcurrent, short-circuit, and undervoltage protection.

TYPICAL APPLICATIONS
 Point-of-Load DC-DC applications from 5V, 9V and
12V industrial rails
 Industrial, test & measurement, medical applications
 System power supplies
 DSPs, FPGAs, MCUs and MPUs supply
 I/O interface power supply

DESCRIPTION
The VDRM series of the MagI³C Power Module family
provides a fully integrated DC-DC power supply including
the buck switching regulator, inductor, input and output
capacitors in a package, allowing a minimum external
components count solution, quick time to market and
ease of use.
The 171011801 family offers high efficiency and delivers
up to 1A of output current. It operates from 4V input
voltage up to 18V. It is designed for fast transient
response.
It is available in an innovative industrial high power
density LGA-16EP (9 x 9 x 3mm) package that enhances
thermal performance.
The VDRM regulators have an integrated protection
circuit that guards against thermal overstress and
electrical damage by using thermal shut-down,
overcurrent, short-circuit, and undervoltage protection.
TYPICAL APPLICATIONS
 Point-of-Load DC-DC applications from 5V, 9V and
12V industrial rails
 Industrial, test & measurement, medical applications
 System power supplies
 DSPs, FPGAs, MCUs and MPUs supply
 I/O interface power supply




Similar Part No. - 171011801

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
171011801 WURTH-171011801 Datasheet
3Mb / 49P
MagI3C Power Module VDRM ??Variable Step Down Regulator Module
1.0 February 2018
More results


Similar Description - 171011801

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
178012401 WURTH-178012401 Datasheet
1Mb / 31P
MagI쨀C Power Module VDRM - Variable Step Down Regulator Module
178032401 WURTH-178032401 Datasheet
1Mb / 31P
MagI쨀C Power Module VDRM - Variable Step Down Regulator Module
178050601 WURTH-178050601 Datasheet
1Mb / 25P
MagI쨀C Power Module VDRM - Variable Step Down Regulator Module
178012402 WURTH-178012402 Datasheet
1Mb / 31P
MagI쨀C Power Module VDRM - Variable Step Down Regulator Module
178020601 WURTH-178020601 Datasheet
1Mb / 29P
MagI쨀C Power Module VDRM - Variable Step Down Regulator Module
178021501 WURTH-178021501 Datasheet
2Mb / 32P
MagI쨀C Power Module Product Family VDRM - Variable Step Down Regulator Module
171020302 WURTH-171020302 Datasheet
1Mb / 29P
Variable Step Down Regulator Module
171040302 WURTH-171040302 Datasheet
1Mb / 29P
Variable Step Down Regulator Module
171060302 WURTH-171060302 Datasheet
1Mb / 29P
Variable Step Down Regulator Module
171031801 WURTH-171031801 Datasheet
3Mb / 49P
MagI3C Power Module VDRM ??Variable Step Down Regulator Module
1.0 February 2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com