Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SMDJ5.0CA Datasheet (PDF) - AiT Semiconductor Inc.

SMDJ5.0CA Datasheet PDF - AiT Semiconductor Inc.
Part # SMDJ5.0CA
Download  SMDJ5.0CA Download
File Size   400.91 Kbytes
Page   6 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE 5 TO 250V,3000W PEAK PULSE POWER

SMDJ5.0CA Datasheet (PDF)

Go To PDF Page Download Datasheet
SMDJ5.0CA Datasheet PDF - AiT Semiconductor Inc.

Part # SMDJ5.0CA
Download  SMDJ5.0CA Click to download

File Size   400.91 Kbytes
Page   6 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE 5 TO 250V,3000W PEAK PULSE POWER

SMDJ5.0CA Datasheet (HTML) - AiT Semiconductor Inc.


SMDJ5.0CA Product details

DESCRIPTION
The
SMDJ series is designed specifically to protect
sen sitive electronic equipment from voltage
transients induced by lightning and other transient
voltage events.
The S
MDJ is available in SM C p a ckage

FEATURES
⚫ Plastic package has Underwriters Laboratory
Flammability Classification 94V
O
⚫ For surface mounted applications in order to
optimize board space
⚫ Low profile package
⚫ Built in strain relief
⚫ Glass pas s ivated junction
⚫ Low inductance
⚫ Excellent clamping capability
⚫ Repetition Rate (duty cycle):0
⚫ Fast response time: typically less than 1.0ps
⚫ Typical IR less than 1mA above 10V
⚫ High temperature soldering guaranteed:
260°C/10 seconds,
⚫ A vailabl e in SM C p ack a ge

MECHANICAL DATA
Case
: JEDEC DO 214AB (
Terminals
: Plated leads, solderable per
MIL
STD 202, Me thod 208
Polarity
: Without Color band denoted cathode
Mounting Position
: Any
W
eight: 0.2 6 g




Similar Part No. - SMDJ5.0CA

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
SMDJ5.0CA MDE-SMDJ5.0CA Datasheet
118Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Littelfuse
SMDJ5.0CA LITTELFUSE-SMDJ5.0CA Datasheet
195Kb / 5P
Transient Voltage Suppression Diodes
logo
MERITEK ELECTRONICS COR...
SMDJ5.0CA MERITEK-SMDJ5.0CA Datasheet
295Kb / 4P
Transient Voltage Suppressors
logo
Ruilongyuan Electronics...
SMDJ5.0CA RUILON-SMDJ5.0CA Datasheet
908Kb / 7P
Transient Voltage Suppressors
logo
Socay Electornics Co., ...
SMDJ5.0CA SOCAY-SMDJ5.0CA Datasheet
3Mb / 56P
Surface Mount Transient Voltage Suppressors (TVS)
More results


Similar Description - SMDJ5.0CA

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
3KP WTE-3KP_06 Datasheet
82Kb / 6P
3000W TRANSIENT VOLTAGE SUPPRESSOR
3KP180 WTE-3KP180 Datasheet
72Kb / 5P
3000W TRANSIENT VOLTAGE SUPPRESSOR
logo
TAITRON Components Inco...
3KP5.0A TAITRON-3KP5.0A Datasheet
222Kb / 6P
3000W Transient Voltage Suppressor
logo
GOOD-ARK Electronics
3KP5.0 GOOD-ARK-3KP5.0 Datasheet
161Kb / 4P
Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 220V
3KP220CA GOOD-ARK-3KP220CA Datasheet
161Kb / 4P
Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 220V
3KP5.0 GOOD-ARK-3KP5.0_15 Datasheet
161Kb / 4P
Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 220V
logo
Comchip Technology
3KP-G COMCHIP-3KP-G Datasheet
308Kb / 5P
3000W Transient Voltage Suppressor
3KP-HF COMCHIP-3KP-HF Datasheet
308Kb / 5P
3000W Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
3KP LEIDITECH-3KP Datasheet
819Kb / 5P
3000W Transient Voltage Suppressor
SMB30J LEIDITECH-SMB30J Datasheet
656Kb / 4P
3000W Transient Voltage Suppressor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com