Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SQS405ENW Datasheet (PDF) - Vishay Siliconix

SQS405ENW Datasheet PDF - Vishay Siliconix
Part # SQS405ENW_V01
Download  SQS405ENW Download
File Size   242.53 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Automotive P-Channel 12 V (D-S) 175 °C MOSFET

SQS405ENW Datasheet (PDF)

Go To PDF Page Download Datasheet
SQS405ENW Datasheet PDF - Vishay Siliconix

Part # SQS405ENW_V01
Download  SQS405ENW Click to download

File Size   242.53 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Automotive P-Channel 12 V (D-S) 175 °C MOSFET

SQS405ENW Datasheet (HTML) - Vishay Siliconix


SQS405ENW Product details

FEATURES
• TrenchFET® power MOSFET
• AEC-Q101 qualified d
• 100 % Rg and UIS tested
• Wettable flank terminals
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912




Similar Part No. - SQS405ENW_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQS405ENW VISHAY-SQS405ENW_V02 Datasheet
241Kb / 9P
Automotive P-Channel 12 V (D-S) 175 °C MOSFET
10-Aug-2020
More results


Similar Description - SQS405ENW_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ2315ES VISHAY-SQ2315ES_15 Datasheet
269Kb / 11P
Automotive P-Channel 12 V (D-S) 175 °C MOSFET
07-Oct-15
SQ3461EV VISHAY-SQ3461EV_15 Datasheet
238Kb / 12P
Automotive P-Channel 12 V (D-S) 175 °C MOSFET
12-Oct-15
SQS405EN VISHAY-SQS405EN_15 Datasheet
544Kb / 14P
Automotive P-Channel 12 V (D-S) 175 °C MOSFET
30-Jul-12
SQS405CENW VISHAY-SQS405CENW Datasheet
233Kb / 8P
Automotive P-Channel 12 V (D-S) 175 °C MOSFET
11-Oct-2021
SQS405CENW VISHAY-SQS405CENW_V01 Datasheet
233Kb / 8P
Automotive P-Channel 12 V (D-S) 175 °C MOSFET
11-Oct-2021
SQS405ENW VISHAY-SQS405ENW_V02 Datasheet
241Kb / 9P
Automotive P-Channel 12 V (D-S) 175 °C MOSFET
10-Aug-2020
SQA409CEJW VISHAY-SQA409CEJW Datasheet
202Kb / 6P
Automotive P-Channel 12 V (D-S) 175 °C MOSFET
31-Oct-2022
SQ3461EV VISHAY-SQ3461EV_V02 Datasheet
294Kb / 10P
Automotive P-Channel 12 V (D-S) 175 °C MOSFET
24-Jan-2022
SQ4005EY VISHAY-SQ4005EY_V02 Datasheet
214Kb / 9P
Automotive P-Channel 12 V (D-S) 175 °C MOSFET
23-Apr-2021
SQ2315ES VISHAY-SQ2315ES_V02 Datasheet
202Kb / 8P
Automotive P-Channel 12 V (D-S) 175 °C MOSFET
15-Nov-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com