Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

1301530204 Datasheet (PDF) - Molex Electronics Ltd.

1301530204 Datasheet PDF - Molex Electronics Ltd.
Part # 1301530204
Download  1301530204 Download
File Size   180.75 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description IN-LINE GFCI 20A, 240V ATTACHABLE FLYING LEADS

1301530204 Datasheet (PDF)

Go To PDF Page Download Datasheet
1301530204 Datasheet PDF - Molex Electronics Ltd.

Part # 1301530204
Download  1301530204 Click to download

File Size   180.75 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description IN-LINE GFCI 20A, 240V ATTACHABLE FLYING LEADS

1301530204 Datasheet (HTML) - Molex Electronics Ltd.


1301530204 Product details

TECHNICAL
AGENCY APPROVAL: cULus
RATED SUPPLY VOLTAGE: 240VAC
RATED CURRENT: UP TO 20 AMPS
RESET TYPE: MANUAL
OPERATING FREQUENCY: 60 Hz
TYPE: CLASS A
GROUND TRIP CURRENT: 4-6 mA
OVERLOAD CURRENT: 120 AMP
INSULATION VOLTAGE: 1,500 VRMS - 1 MINUTE
ENDURANCE OPERATIONS: 3000 OPERATIONS
ENCLOSURE: NEMA 3R




Similar Part No. - 1301530204

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301530204 MOLEX-1301530204 Datasheet
180Kb / 1P
IN-LINE GFCI 20A, 240V ATTACHABLE FLYING LEADS
2022/01/20
1301530204 MOLEX-1301530204 Datasheet
180Kb / 1P
IN-LINE GFCI 20A, 240V ATTACHABLE FLYING LEADS
2022/01/20
More results


Similar Description - 1301530204

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130153-0261 MOLEX11-130153-0261 Datasheet
24Kb / 1P
Super-Safeway In-Line Industrial GFCI, Automatic Reset, Flying Leads,
130153-0262 MOLEX11-130153-0262 Datasheet
24Kb / 1P
Super-Safeway In-Line Industrial GFCI, Manual Reset, Flying Leads
1301530262 MOLEX11-1301530262 Datasheet
58Kb / 1P
Super-Safeway In-Line Industrial GFCI, Manual Reset, Flying Leads, 30A, 120V
1301530153 MOLEX1-1301530153 Datasheet
35Kb / 1P
Super-Safeway In-Line Industrial GFCI, Portable, Single Phase, Automatic Reset, Flying Leads, 20A, 240V, 0.61m (2.0) Cord Length
1301530154 MOLEX1-1301530154 Datasheet
35Kb / 1P
Super-Safeway In-Line Industrial GFCI, Portable, Single Phase, Manual Reset, Flying Leads, 20A, 240V, 0.61m (2.0) Cord Length
1301530149 MOLEX-1301530149 Datasheet
281Kb / 1P
INLINE GFCI 20A, 240V ATTACHABLE W/PLUG &CONN. WATERTITE
2022/01/20
1301530151 MOLEX-1301530151 Datasheet
281Kb / 1P
INLINE GFCI 20A, 240V ATTACHABLE W/PLUG &CONN. WATERTITE
2022/01/20
1301530153 MOLEX-1301530153 Datasheet
34Kb / 1P
Super-Safeway In-Line Industrial GFCI, Portable, Single Phase, Automatic Reset, Flying Leads, 20A, 240V, 0.61m (2.0) Cord Length
07/28/2021
1301530204 MOLEX-1301530204 Datasheet
180Kb / 1P
IN-LINE GFCI 20A, 240V ATTACHABLE FLYING LEADS
2022/01/20
1301530205 MOLEX-1301530205 Datasheet
180Kb / 1P
IN-LINE GFCI 20A, 240V ATTACHABLE FLYING LEADS
2022/01/20
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com