Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

QPA3357 Datasheet (PDF) - Qorvo, Inc

QPA3357 Datasheet PDF - Qorvo, Inc
Part # QPA3357_V01
Download  QPA3357 Download
File Size   257.01 Kbytes
Page   4 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description CATV Power Doubler Hybrid 1218MHz 28dB

QPA3357 Datasheet (PDF)

Go To PDF Page Download Datasheet
QPA3357 Datasheet PDF - Qorvo, Inc

Part # QPA3357_V01
Download  QPA3357 Click to download

File Size   257.01 Kbytes
Page   4 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description CATV Power Doubler Hybrid 1218MHz 28dB

QPA3357 Datasheet (HTML) - Qorvo, Inc


QPA3357 Product details

Product Features
▪ High Gain: 28dB at 1218MHz
▪ Excellent Linearity
▪ Superior Return Loss Performance
▪ Optimal Reliability
▪ Low Noise: 4.5dB
▪ Unconditionally Stable Under all Terminations
▪ 440 mA typ. at 24 VDC




Similar Part No. - QPA3357_V01

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPA3357 QORVO-QPA3357 Datasheet
256Kb / 4P
CATV Power Doubler Hybrid 1218MHz 28dB
More results


Similar Description - QPA3357_V01

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TAT8888 TRIQUINT-TAT8888_15 Datasheet
301Kb / 4P
CATV GaN Power Doubler Hybrid
logo
Qorvo, Inc
QPB8857 QORVO-QPB8857 Datasheet
1Mb / 14P
75 28dB CATV Doubler Amplifier 47 ??1218MHz
QPA3357 QORVO-QPA3357 Datasheet
256Kb / 4P
CATV Power Doubler Hybrid 1218MHz 28dB
QPA3359 QORVO-QPA3359 Datasheet
255Kb / 4P
CATV Push Pull Hybrid 1218MHz 28dB
QPA3250 QORVO-QPA3250 Datasheet
581Kb / 7P
CATV Power Doubler Hybrid 1218MHz 23dB
R2005280L QORVO-R2005280L Datasheet
193Kb / 4P
CATV Reverse Hybrid 200MHz 28dB
TAT8888 QORVO-TAT8888 Datasheet
341Kb / 4P
CATV GaN Power Doubler Hybrid
RFPP3870 QORVO-RFPP3870 Datasheet
195Kb / 4P
CATV Push Pull Hybrid 1218MHz 28dB
logo
Analog Devices
ADCA3990 AD-ADCA3990 Datasheet
233Kb / 9P
CATV Power Doubler Hybrid
1/2020-Revision 0
logo
Qorvo, Inc
QPB8857 QORVO-QPB8857_V01 Datasheet
1Mb / 13P
75Ω 28dB CATV Doubler Amplifier 47 – 1218MHz
July 27, 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com