Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BNX028-01 Datasheet (PDF) - Murata Manufacturing Co., Ltd

BNX028-01 Datasheet PDF - Murata Manufacturing Co., Ltd
Part # BNX028-01_V01
Download  BNX028-01 Download
File Size   316.72 Kbytes
Page   4 Pages
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd
Description Large rated current (20A)

BNX028-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
BNX028-01 Datasheet PDF - Murata Manufacturing Co., Ltd

Part # BNX028-01_V01
Download  BNX028-01 Click to download

File Size   316.72 Kbytes
Page   4 Pages
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd
Description Large rated current (20A)

BNX028-01 Datasheet (HTML) - Murata Manufacturing Co., Ltd


BNX028-01 Product details

Features
1. Large rated current (20A)
2. Supporting wide frequency range
From 15kHz to 1GHz:35dB min.(BNX029)
3. Mounting area and volume is reduced.
4. Effective for impulse noise such as electrostatic
discharge or spike noise.

Applications
1. Displays (PDP/LCD-TV)
2. Digital AV equipment
3. Amusement equipment
4. PC peripheral equipment
5. Industry equipment, measurement equipment, power supplies




Similar Part No. - BNX028-01_V01

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BNX028-01B MURATA1-BNX028-01B Datasheet
445Kb / 14P
This reference specification applies to SMD Block Type EMIFIL.
BNX028-01K MURATA1-BNX028-01K Datasheet
445Kb / 14P
This reference specification applies to SMD Block Type EMIFIL.
BNX028-01L MURATA1-BNX028-01L Datasheet
445Kb / 14P
This reference specification applies to SMD Block Type EMIFIL.
More results


Similar Description - BNX028-01_V01

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM18SD220SN1 MURATA1-BLM18SD220SN1_V01 Datasheet
279Kb / 3P
Low DC Resistance/Large Rated Current
Last updated07/11/2022
BLM18SG121TN1 MURATA1-BLM18SG121TN1_V01 Datasheet
284Kb / 3P
Low DC Resistance/Large Rated Current
Last updated07/11/2022
BLM18SG260TN1 MURATA1-BLM18SG260TN1_V01 Datasheet
281Kb / 3P
Low DC Resistance/Large Rated Current
Last updated07/11/2022
BLM18SG330SN1 MURATA1-BLM18SG330SN1_V01 Datasheet
276Kb / 3P
Low DC Resistance/Large Rated Current
Last updated07/11/2022
BLM18SG700TN1 MURATA1-BLM18SG700TN1_V01 Datasheet
280Kb / 3P
Low DC Resistance/Large Rated Current
BNX022-01 MURATA1-BNX022-01_V01 Datasheet
371Kb / 4P
Large rated current (20A)
08/24/2022
BNX023-01 MURATA1-BNX023-01_V01 Datasheet
316Kb / 4P
Large rated current (20A)
08/24/2022
BNX024H01 MURATA1-BNX024H01_V01 Datasheet
319Kb / 4P
Supporting large current (20A)
08/24/2022
BNX027H01 MURATA1-BNX027H01_V01 Datasheet
319Kb / 4P
Supporting large current (20A)
08/24/2022
BNX029-01 MURATA1-BNX029-01_V01 Datasheet
317Kb / 4P
Large rated current (20A)
08/24/2022
More results




About Murata Manufacturing Co., Ltd


Murata Manufacturing Co., Ltd. is a Japanese multinational electronics company headquartered in Nagaokakyo, Kyoto, Japan.

The company was founded in 1944 and has since become a leading manufacturer of electronic components, including ceramic capacitors, wireless communication modules, and sensors.

Murata also offers a wide range of other products and solutions such as battery management systems, power supplies, and energy harvesting systems.

The company operates globally and has a strong reputation for quality and innovation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com